Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58LT128GS Datasheet(PDF) 89 Page - STMicroelectronics

Part # M58LT128GS
Description  128Mbit (8Mb x16, Multiple Bank, Multi-Level, Burst) 1.8V Supply Secure Flash Memories
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58LT128GS Datasheet(HTML) 89 Page - STMicroelectronics

Back Button M58LT128GS Datasheet HTML 85Page - STMicroelectronics M58LT128GS Datasheet HTML 86Page - STMicroelectronics M58LT128GS Datasheet HTML 87Page - STMicroelectronics M58LT128GS Datasheet HTML 88Page - STMicroelectronics M58LT128GS Datasheet HTML 89Page - STMicroelectronics M58LT128GS Datasheet HTML 90Page - STMicroelectronics M58LT128GS Datasheet HTML 91Page - STMicroelectronics M58LT128GS Datasheet HTML 92Page - STMicroelectronics M58LT128GS Datasheet HTML 93Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 98 page
background image
M58LT128GST, M58LT128GSB
13 Part Numbering
89/98
Figure 25. Buffer Enhanced Factory Program Flowchart and Pseudo Code
1.
For how to check the targeted block protection status, refer to the Application Note concerning the device security features.
Write 80h to
Address WA1
AI10658
Start
Write D0h to
Address WA1
Write FFFFh to
Address = NOT WA1
Read Status
Register
SR7 = 0
NO
NO
SR0 = 0
YES
Read Status Register
SR3 and SR1for errors
Exit
Write PDX
Address WA1
Increment Count
X = X + 1
Initialize count
X = 0
X = 32
YES
Read Status
Register
Last data?
YES
Read Status
Register
SR7 = 1
YES
Full Status Register
Check
End
YES
SR4 = 1
NO
NO
NO
NO
SETUP PHASE
PROGRAM AND
VERIFY PHASE
EXIT PHASE
Buffer_Enhanced_Factory_Program_Command
(start_address, DataFlow[]) {
VerifyTargeted Block Protection Status
if block protected Return Device to Read Mode
writeToFlash (start_address, 0x80) ;
writeToFlash (start_address, 0xD0) ;
do {
do {
status_register = readFlash (start_address);
if (status_register.SR4==1) { /*error*/
if (status_register.SR3==1) error_handler ( ) ;/*VPP error */
if (status_register.SR1==1) error_handler ( ) ;/* Locked Block */
}
while (status_register.SR7==1)
x=0; /* initialize count */
do {
writeToFlash (start_address, DataFlow[x]);
x++;
}while (x<32)
do {
status_register = readFlash (start_address);
}while (status_register.SR0==1)
} while (not last data)
writeToFlash (another_block_address, FFFFh)
do {
status_register = readFlash (start_address)
}while (status_register.SR7==0)
full_status_register_check();
}
Verify Block
Protection Status
Protected
Block
YES
Write FFFFh to
Address WA1
Read Mode
NO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com