Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58LT128GS Datasheet(PDF) 18 Page - STMicroelectronics

Part # M58LT128GS
Description  128Mbit (8Mb x16, Multiple Bank, Multi-Level, Burst) 1.8V Supply Secure Flash Memories
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58LT128GS Datasheet(HTML) 18 Page - STMicroelectronics

Back Button M58LT128GS Datasheet HTML 14Page - STMicroelectronics M58LT128GS Datasheet HTML 15Page - STMicroelectronics M58LT128GS Datasheet HTML 16Page - STMicroelectronics M58LT128GS Datasheet HTML 17Page - STMicroelectronics M58LT128GS Datasheet HTML 18Page - STMicroelectronics M58LT128GS Datasheet HTML 19Page - STMicroelectronics M58LT128GS Datasheet HTML 20Page - STMicroelectronics M58LT128GS Datasheet HTML 21Page - STMicroelectronics M58LT128GS Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 98 page
background image
4 Command Interface
M58LT128GST, M58LT128GSB
18/98
4
Command Interface
All Bus Write operations to the memory are interpreted by the Command Interface. Commands
consist of one or more sequential Bus Write operations. An internal Program/Erase Controller
handles all timings and verifies the correct execution of the program and erase commands. The
Program/Erase Controller provides a Status Register whose output may be read at any time to
monitor the progress or the result of the operation.
The Command Interface is reset to read mode when power is first applied, when exiting from
Reset or whenever VDD is lower than VLKO. Command sequences must be followed exactly.
Any invalid combination of commands will be ignored.
Refer to Table 4: Command Codes, Table 5: Standard Commands, Table 6: Factory Program
Command, and Appendix D: Command Interface state tables, for a summary of the Command
Interface.
Note: The security features are described in a dedicated Application Note. Please contact
STMicroelectronics for further details.
Table 4.
Command Codes
Hex Code
Command
03h
Set Configuration Register Confirm
10h
Alternative Program Setup
20h
Block Erase Setup
40h
Program Setup
50h
Clear Status Register
70h
Read Status Register
80h
Buffer Enhanced Factory Program
90h
Read Electronic Signature
98h
Read CFI Query
B0h
Program/Erase Suspend
C0h
Program Register Program
D0h
Program/Erase Resume, Block Erase Confirm, or Buffer Program Confirm
E8h
Buffer Program
FFh
Read Array



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com