Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58LT128GS Datasheet(PDF) 50 Page - STMicroelectronics

Part # M58LT128GS
Description  128Mbit (8Mb x16, Multiple Bank, Multi-Level, Burst) 1.8V Supply Secure Flash Memories
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58LT128GS Datasheet(HTML) 50 Page - STMicroelectronics

Back Button M58LT128GS Datasheet HTML 46Page - STMicroelectronics M58LT128GS Datasheet HTML 47Page - STMicroelectronics M58LT128GS Datasheet HTML 48Page - STMicroelectronics M58LT128GS Datasheet HTML 49Page - STMicroelectronics M58LT128GS Datasheet HTML 50Page - STMicroelectronics M58LT128GS Datasheet HTML 51Page - STMicroelectronics M58LT128GS Datasheet HTML 52Page - STMicroelectronics M58LT128GS Datasheet HTML 53Page - STMicroelectronics M58LT128GS Datasheet HTML 54Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 98 page
background image
11 DC and AC parameters
M58LT128GST, M58LT128GSB
50/98
11
DC and AC parameters
This section summarizes the operating measurement conditions, and the DC and AC
characteristics of the device. The parameters in the DC and AC characteristics Tables that
follow, are derived from tests performed under the Measurement Conditions summarized in
Table 18: Operating and AC Measurement Conditions. Designers should check that the
operating conditions in their circuit match the operating conditions when relying on the quoted
parameters.
Table 18.
Operating and AC Measurement Conditions
Figure 7.
AC Measurement I/O Waveform
Parameter
M58LT128GST,
M58LT128GSB
Units
110
Min
Max
VDD Supply Voltage
1.7
2.0
V
VDDQ Supply Voltage
2.7
3.6
V
VPP Supply Voltage (Factory environment)
8.5
9.5
V
VPP Supply Voltage (Application environment)
–0.4
VDDQ+0.4
V
Ambient Operating Temperature
–25
85
°C
Load Capacitance (CL)
30
pF
Input Rise and Fall Times
5
ns
Input Pulse Voltages
0 to VDDQ
V
Input and Output Timing Ref. Voltages
VDDQ/2
V
AI06161
VDDQ
0V
VDDQ/2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com