Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58LT128GS Datasheet(PDF) 48 Page - STMicroelectronics

Part # M58LT128GS
Description  128Mbit (8Mb x16, Multiple Bank, Multi-Level, Burst) 1.8V Supply Secure Flash Memories
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58LT128GS Datasheet(HTML) 48 Page - STMicroelectronics

Back Button M58LT128GS Datasheet HTML 44Page - STMicroelectronics M58LT128GS Datasheet HTML 45Page - STMicroelectronics M58LT128GS Datasheet HTML 46Page - STMicroelectronics M58LT128GS Datasheet HTML 47Page - STMicroelectronics M58LT128GS Datasheet HTML 48Page - STMicroelectronics M58LT128GS Datasheet HTML 49Page - STMicroelectronics M58LT128GS Datasheet HTML 50Page - STMicroelectronics M58LT128GS Datasheet HTML 51Page - STMicroelectronics M58LT128GS Datasheet HTML 52Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 98 page
background image
9 Program and Erase times and Endurance cycles
M58LT128GST, M58LT128GSB
48/98
Erase
Parameter Block (16 KWord)
0.4
2.5
s
Main Block (64 KWord)
1
4
s
Program(3)
Single Cell
Word Program
30
60
µs
Single Word
Word Program
85
170
µs
Buffer Enhanced
Factory Program(4)
10
µs
Buffer (32 Words)
Buffer Program
340
680
µs
Buffer Enhanced
Factory Program
320
µs
Main Block (64
KWords)
Buffer Program
640
ms
Buffer Enhanced
Factory Program
640
ms
Bank (16 Mbits)
Buffer Program
10
s
Buffer Enhanced
Factory Program
10
s
Program/Erase
Cycles (per Block)
Main Blocks
1000 cycles
Parameter Blocks
2500 cycles
1.
TA = –25 to 85°C; VDD = 1.7V to 2V; VDDQ = 2.7 to 3.6V.
2.
Values are liable to change with the external system-level overhead (command sequence and Status Register polling
execution).
3.
Excludes the time needed to execute the command sequence.
4.
This is an average value on the entire device.
Parameter
Condition(1)(2)
Min
Typ
Typical
after
100kW/E
Cycles
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com