Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58LT128GS Datasheet(PDF) 20 Page - STMicroelectronics

Part # M58LT128GS
Description  128Mbit (8Mb x16, Multiple Bank, Multi-Level, Burst) 1.8V Supply Secure Flash Memories
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58LT128GS Datasheet(HTML) 20 Page - STMicroelectronics

Back Button M58LT128GS Datasheet HTML 16Page - STMicroelectronics M58LT128GS Datasheet HTML 17Page - STMicroelectronics M58LT128GS Datasheet HTML 18Page - STMicroelectronics M58LT128GS Datasheet HTML 19Page - STMicroelectronics M58LT128GS Datasheet HTML 20Page - STMicroelectronics M58LT128GS Datasheet HTML 21Page - STMicroelectronics M58LT128GS Datasheet HTML 22Page - STMicroelectronics M58LT128GS Datasheet HTML 23Page - STMicroelectronics M58LT128GS Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 98 page
background image
4 Command Interface
M58LT128GST, M58LT128GSB
20/98
cycles will output the Electronic Signature data and the Program/Erase controller will continue
to program or erase in the background.
The Read Electronic Signature command will only change the read mode of the addressed
bank. The read modes of other banks are not affected. Only Asynchronous Read and Single
Synchronous Read operations should be used to read the Electronic Signature. A Read Array
command is required to return the bank to Read Array mode.
4.4
Read CFI Query command
The Read CFI Query command is used to read data from the Common Flash Interface (CFI).
One Bus Write cycle is required to issue the Read CFI Query command. Once a bank is in
Read CFI Query mode, subsequent Bus Read operations in the same bank read from the
Common Flash Interface.
The Read CFI Query command can be issued at any time, even during program or erase
operations.
If a Read CFI Query command is issued to a bank that is executing a program or erase
operation the bank will go into Read CFI Query mode. Subsequent Bus Read cycles will output
the CFI data and the Program/Erase controller will continue to program or erase in the
background.
The Read CFI Query command will only change the read mode of the addressed bank. The
read modes of other banks are not affected. Only Asynchronous Read and Single Synchronous
Read operations should be used to read from the CFI. A Read Array command is required to
return the bank to Read Array mode. Dual operations between the Parameter Bank and the CFI
memory space are not allowed (see Table 15: Dual Operation Limitations for details).
See Appendix B: Common Flash Interface, Table 36, Table 37, Table 38, Table 39, Table 40,
Table 42, Table 43, Table 44 and Table 45 for details on the information contained in the
Common Flash Interface memory area.
4.5
Clear Status Register command
The Clear Status Register command can be used to reset (set to ‘0’) all error bits (SR1, 3, 4
and 5) in the Status Register.
One Bus Write cycle is required to issue the Clear Status Register command. The Clear Status
Register command does not affect the read mode of the bank.
The error bits in the Status Register do not automatically return to ‘0’ when a new command is
issued. The error bits in the Status Register should be cleared before attempting a new
program or erase command.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com