Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58LT128GS Datasheet(PDF) 94 Page - STMicroelectronics

Part # M58LT128GS
Description  128Mbit (8Mb x16, Multiple Bank, Multi-Level, Burst) 1.8V Supply Secure Flash Memories
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58LT128GS Datasheet(HTML) 94 Page - STMicroelectronics

Back Button M58LT128GS Datasheet HTML 90Page - STMicroelectronics M58LT128GS Datasheet HTML 91Page - STMicroelectronics M58LT128GS Datasheet HTML 92Page - STMicroelectronics M58LT128GS Datasheet HTML 93Page - STMicroelectronics M58LT128GS Datasheet HTML 94Page - STMicroelectronics M58LT128GS Datasheet HTML 95Page - STMicroelectronics M58LT128GS Datasheet HTML 96Page - STMicroelectronics M58LT128GS Datasheet HTML 97Page - STMicroelectronics M58LT128GS Datasheet HTML 98Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 94 / 98 page
background image
13 Part Numbering
M58LT128GST, M58LT128GSB
94/98
Lock/CR Setup
in Erase Suspend
Erase Suspend (Lock
error)
Erase Suspend
Erase Suspend
(Lock error)
N/A
BEFP
Setup
Ready (error)
N/A
Busy
BEFP Busy(7)
Exit
BEFP Busy(7)
N/A
1.
CI = Command Interface, CR = Configuration Register, BEFP = Buffer Enhanced Factory Program, P/E. C. = Program/
Erase Controller, WA0 = Address in a block different from first BEFP address.
2.
If the P/E.C. is active, both cycles are ignored.
3.
BEFP Exit when Block Address is different from first Block Address and data are FFFFh.
4.
Illegal commands are those not defined in the command set.
5.
if N=0 go to Buffer Program Confirm. Else (N
≠ 0) go to Buffer Program Load 2 (data load).
6.
if N=0 go to Buffer Program Confirm in Erase Suspend. Else (N
≠ 0) go to Buffer Program Load 2 in Erase Suspend.
7.
BEFP is allowed only when Status Register bit SR0 is set to ‘0’. BEFP is busy if Block Address is first BEFP Address. Any
other commands are treated as data.
Current CI State
Command Input(1)(2)
Lock/CR Setup(60h)(2)
Set CR Confirm
(03h)
Block Address (WA0)
(XXXXh)(3)
Illegal Command(4)
WSM Operation
Completed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com