Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58LT128GS Datasheet(PDF) 46 Page - STMicroelectronics

Part # M58LT128GS
Description  128Mbit (8Mb x16, Multiple Bank, Multi-Level, Burst) 1.8V Supply Secure Flash Memories
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58LT128GS Datasheet(HTML) 46 Page - STMicroelectronics

Back Button M58LT128GS Datasheet HTML 42Page - STMicroelectronics M58LT128GS Datasheet HTML 43Page - STMicroelectronics M58LT128GS Datasheet HTML 44Page - STMicroelectronics M58LT128GS Datasheet HTML 45Page - STMicroelectronics M58LT128GS Datasheet HTML 46Page - STMicroelectronics M58LT128GS Datasheet HTML 47Page - STMicroelectronics M58LT128GS Datasheet HTML 48Page - STMicroelectronics M58LT128GS Datasheet HTML 49Page - STMicroelectronics M58LT128GS Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 98 page
background image
8 Dual Operations and Multiple Bank architecture
M58LT128GST, M58LT128GSB
46/98
Table 14.
Dual Operations Allowed In Same Bank
Table 15.
Dual Operation Limitations
Status of bank
Commands allowed in same bank
Read
Array
Read
Status
Register
Read CFI
Query
Read
Electronic
Signature
Program,
Buffer
Program
Block
Erase
Program/
Erase
Suspend
Program/
Erase
Resume
Idle
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Programming
–(1)
1.
The Read Array command is accepted but the data output is not guaranteed until the Program or Erase has completed.
Yes
Yes
Yes
–
–
Yes
–
Erasing
–(1)
Yes
Yes
Yes
–
–
Yes
–
Program
Suspended
Yes(2)
2.
Not allowed in the Word that is being erased or programmed.
Yes
Yes
Yes
–
–
–
Yes
Erase Suspended
Yes(2)
Yes
Yes
Yes
Yes(2)
––
Yes
Current Status
Commands allowed
Read CFI / Electronic
Signature
Read Parameter
Blocks
Read Main Blocks
Located in
Parameter Bank
Not Located in
Parameter Bank
Programming / Erasing
Parameter Blocks
No
No
No
Yes
Programming
/ Erasing Main
Blocks
Located in
Parameter
Bank
No
No
No
Yes
Not Located in
Parameter
Bank
No
Yes
Yes
In Different Bank
Only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com