Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58LT128GS Datasheet(PDF) 79 Page - STMicroelectronics

Part # M58LT128GS
Description  128Mbit (8Mb x16, Multiple Bank, Multi-Level, Burst) 1.8V Supply Secure Flash Memories
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58LT128GS Datasheet(HTML) 79 Page - STMicroelectronics

Back Button M58LT128GS Datasheet HTML 75Page - STMicroelectronics M58LT128GS Datasheet HTML 76Page - STMicroelectronics M58LT128GS Datasheet HTML 77Page - STMicroelectronics M58LT128GS Datasheet HTML 78Page - STMicroelectronics M58LT128GS Datasheet HTML 79Page - STMicroelectronics M58LT128GS Datasheet HTML 80Page - STMicroelectronics M58LT128GS Datasheet HTML 81Page - STMicroelectronics M58LT128GS Datasheet HTML 82Page - STMicroelectronics M58LT128GS Datasheet HTML 83Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 98 page
background image
M58LT128GST, M58LT128GSB
13 Part Numbering
79/98
Table 44.
Bank and Erase Block Region 1 Information
Flash memory (top)
Flash memory
(bottom)
Description
Offset
Data
Offset
Data
(P+24)h = 12Eh
0Fh
(P+24)h = 12Eh
01h
Number of identical banks within Bank Region 1
(P+25)h = 12Fh
00h
(P+25)h = 12Fh
00h
(P+26)h = 130h
11h
(P+26)h = 130h
11h
Number of program or erase operations allowed in Bank
Region 1:
Bits 0-3: Number of simultaneous program operations
Bits 4-7: Number of simultaneous erase operations
(P+27)h = 131h
00h
(P+27)h = 131h
00h
Number of program or erase operations allowed in other
banks while a bank in same region is programming
Bits 0-3: Number of simultaneous program operations
Bits 4-7: Number of simultaneous erase operations
(P+28)h = 132h
00h
(P+28)h = 132h
00h
Number of program or erase operations allowed in other
banks while a bank in this region is erasing
Bits 0-3: Number of simultaneous program operations
Bits 4-7: Number of simultaneous erase operations
(P+29)h = 133h
01h
(P+29)h = 133h
02h
Types of erase block regions in Bank Region 1
n = number of erase block regions with contiguous same-size
erase blocks.
Symmetrically blocked banks have one blocking region(2).
(P+2A)h = 134h
07h
(P+2A)h = 134h
03h
Bank Region 1 Erase Block Type 1 Information
Bits 0-15: n+1 = number of identical-sized erase blocks
Bits 16-31: n×256 = number of bytes in erase block region
(P+2B)h = 135h
00h
(P+2B)h = 135h
00h
(P+2C)h = 136h
00h
(P+2C)h = 136h
80h
(P+2D)h = 137h
02h
(P+2D)h = 137h
00h
(P+2E)h = 138h
64h
(P+2E)h = 138h
64h
Bank Region 1 (Erase Block Type 1)
Minimum block erase cycles × 1000
(P+2F)h = 139h
00h
(P+2F)h = 139h
00h
(P+30)h = 13Ah
02h
(P+30)h = 13Ah
02h
Bank Region 1 (Erase Block Type 1): BIts per cell, internal
ECC
Bits 0-3: bits per cell in erase region
Bit 4: reserved for “internal ECC used”
BIts 5-7: reserved
(P+31)h = 13Bh
03h
(P+31)h = 13Bh
03h
Bank Region 1 (Erase Block Type 1): Page mode and
Synchronous mode capabilities
Bit 0: Page-mode reads permitted
Bit 1: Synchronous reads permitted
Bit 2: Synchronous writes permitted
Bits 3-7: reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com