Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58LT128GS Datasheet(PDF) 47 Page - STMicroelectronics

Part # M58LT128GS
Description  128Mbit (8Mb x16, Multiple Bank, Multi-Level, Burst) 1.8V Supply Secure Flash Memories
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58LT128GS Datasheet(HTML) 47 Page - STMicroelectronics

Back Button M58LT128GS Datasheet HTML 43Page - STMicroelectronics M58LT128GS Datasheet HTML 44Page - STMicroelectronics M58LT128GS Datasheet HTML 45Page - STMicroelectronics M58LT128GS Datasheet HTML 46Page - STMicroelectronics M58LT128GS Datasheet HTML 47Page - STMicroelectronics M58LT128GS Datasheet HTML 48Page - STMicroelectronics M58LT128GS Datasheet HTML 49Page - STMicroelectronics M58LT128GS Datasheet HTML 50Page - STMicroelectronics M58LT128GS Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 98 page
background image
M58LT128GST, M58LT128GSB
9 Program and Erase times and Endurance cycles
47/98
9
Program and Erase times and Endurance cycles
The Program and Erase times and the number of Program/ Erase cycles per block are shown in
Table 16 Exact erase times may change depending on the memory array condition. The best
case is when all the bits in the block are at ‘0’ (pre-programmed). The worst case is when all the
bits in the block are at ‘1’ (not preprogrammed). Usually, the system overhead is negligible with
respect to the erase time. In the M58LT128GST and M58LT128GSB the maximum number of
Program/Erase cycles depends on the VPP voltage supply used.
Table 16.
Program/Erase Times and Endurance Cycles
Parameter
Condition(1)(2)
Min
Typ
Typical
after
100kW/E
Cycles
Max
Unit
Erase
Parameter Block (16 KWord)
0.4
1
2.5
s
Main Block (64
KWord)
Preprogrammed
1
3
4
s
Not Preprogrammed
1.2
4
s
Program(3)
SIngle Cell
Word Program
30
60
µs
Buffer Program
30
60
µs
Single Word
Word Program
90
180
µs
Buffer Program
90
180
µs
Buffer (32 Words) (Buffer Program)
440
880
µs
Main Block (64 KWord)
880
ms
Suspend Latency
Program
20
25
µs
Erase
20
25
µs
Program/Erase
Cycles (per Block)
Main Blocks
100,000
cycles
Parameter Blocks
100,000
cycles



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com