Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58LT128GS Datasheet(PDF) 44 Page - STMicroelectronics

Part # M58LT128GS
Description  128Mbit (8Mb x16, Multiple Bank, Multi-Level, Burst) 1.8V Supply Secure Flash Memories
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58LT128GS Datasheet(HTML) 44 Page - STMicroelectronics

Back Button M58LT128GS Datasheet HTML 40Page - STMicroelectronics M58LT128GS Datasheet HTML 41Page - STMicroelectronics M58LT128GS Datasheet HTML 42Page - STMicroelectronics M58LT128GS Datasheet HTML 43Page - STMicroelectronics M58LT128GS Datasheet HTML 44Page - STMicroelectronics M58LT128GS Datasheet HTML 45Page - STMicroelectronics M58LT128GS Datasheet HTML 46Page - STMicroelectronics M58LT128GS Datasheet HTML 47Page - STMicroelectronics M58LT128GS Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 98 page
background image
7 Read modes
M58LT128GST, M58LT128GSB
44/98
WAIT being gated by E, it will remain active and will not revert to high impedance when G goes
High. So if two or more devices are connected to the system’s READY signal, to prevent bus
contention the WAIT signal of the M58LT128GST and M58LT128GSB should not be directly
connected to the system’s READY signal.
WAIT will revert to high-impedance when Output Enable, G, or Chip Enable, E, goes High.
See Table 23: Synchronous Read AC Characteristics, and Figure 13: Synchronous Burst Read
Suspend AC Waveforms, for details.
7.2.2
Single Synchronous Read mode
Single Synchronous Read operations are similar to Synchronous Burst Read operations except
that the memory outputs the same data to the end of the operation.
Synchronous Single Reads are used to read the Electronic Signature, Status Register, CFI,
Configuration Register Status, or Protection Register. When the addressed bank is in Read
CFI, Read Status Register or Read Electronic Signature mode, the WAIT signal is deasserted
when Output Enable, G, is at VIH or for the one clock cycle during which output data is valid.
Otherwise, it is asserted.
See Table 23: Synchronous Read AC Characteristics, and Figure 11: Synchronous Burst Read
AC Waveforms, for details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com