Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58LT128GS Datasheet(PDF) 64 Page - STMicroelectronics

Part # M58LT128GS
Description  128Mbit (8Mb x16, Multiple Bank, Multi-Level, Burst) 1.8V Supply Secure Flash Memories
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58LT128GS Datasheet(HTML) 64 Page - STMicroelectronics

Back Button M58LT128GS Datasheet HTML 60Page - STMicroelectronics M58LT128GS Datasheet HTML 61Page - STMicroelectronics M58LT128GS Datasheet HTML 62Page - STMicroelectronics M58LT128GS Datasheet HTML 63Page - STMicroelectronics M58LT128GS Datasheet HTML 64Page - STMicroelectronics M58LT128GS Datasheet HTML 65Page - STMicroelectronics M58LT128GS Datasheet HTML 66Page - STMicroelectronics M58LT128GS Datasheet HTML 67Page - STMicroelectronics M58LT128GS Datasheet HTML 68Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 98 page
background image
11 DC and AC parameters
M58LT128GST, M58LT128GSB
64/98
Table 25.
Write AC Characteristics, Chip Enable Controlled
Symbol
Alt
Parameter(1)
1.
Sampled only, not 100% tested.
M58LT128GST,
M58LT128GSB
Unit
110
tAVAV
tWC
Address Valid to Next Address Valid
Min
110
ns
tAVEH
Address Valid to Chip Enable High
Min
50
ns
tAVLH
Address Valid to Latch Enable High
Min
11
ns
tDVEH
tDS
Data Valid to Chip Enable High
Min
50
ns
tEHAX
tAH
Chip Enable High to Address Transition
Min
0
ns
tEHDX
tDH
Chip Enable High to Input Transition
Min
0
ns
tEHEL
tWPH
Chip Enable High to Chip Enable Low
Min
25
ns
tEHGL
Chip Enable High to Output Enable Low
Min
0
ns
tEHWH
tCH
Chip Enable High to Write Enable High
Min
0
ns
tELKV
Chip Enable Low to Clock Valid
Min
7
ns
tELEH
tWP
Chip Enable Low to Chip Enable High
Min
50
ns
tELLH
Chip Enable Low to Latch Enable High
Min
11
ns
tELQV
Chip Enable Low to Output Valid
Min
110
ns
tGHEL
Output Enable High to Chip Enable Low
Min
17
ns
tLHAX
Latch Enable High to Address Transition
Min
9
ns
tLLLH
Latch Enable Pulse Width
Min
11
ns
tWHEL
(2)
2.
tWHEL has the values shown when reading in the targeted bank. System designers should take this into account and may
insert a software No-Op instruction to delay the first read in the same bank after issuing a command. If it is a Read Array
operation in a different bank tWHEL is 0ns.
Write Enable High to Chip Enable Low
Min
25
ns
tWLEL
tCS
Write Enable Low to Chip Enable Low
Min
0
ns
tEHVPL
Chip Enable High to VPP Low
Min
200
ns
tQVVPL
Output (Status Register) Valid to VPP Low
Min
0
ns
tVPHEH
tVPS
VPP High to Chip Enable High
Min
200
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com