Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58LT128GS Datasheet(PDF) 37 Page - STMicroelectronics

Part # M58LT128GS
Description  128Mbit (8Mb x16, Multiple Bank, Multi-Level, Burst) 1.8V Supply Secure Flash Memories
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58LT128GS Datasheet(HTML) 37 Page - STMicroelectronics

Back Button M58LT128GS Datasheet HTML 33Page - STMicroelectronics M58LT128GS Datasheet HTML 34Page - STMicroelectronics M58LT128GS Datasheet HTML 35Page - STMicroelectronics M58LT128GS Datasheet HTML 36Page - STMicroelectronics M58LT128GS Datasheet HTML 37Page - STMicroelectronics M58LT128GS Datasheet HTML 38Page - STMicroelectronics M58LT128GS Datasheet HTML 39Page - STMicroelectronics M58LT128GS Datasheet HTML 40Page - STMicroelectronics M58LT128GS Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 98 page
background image
M58LT128GST, M58LT128GSB
6 Configuration Register
37/98
6.7
Valid Clock Edge Bit (CR6)
The Valid Clock Edge bit, CR6, is used to configure the active edge of the Clock, K, during
synchronous read operations. When the Valid Clock Edge bit is Low (set to ’0’) the falling edge
of the Clock is the active edge. When the Valid Clock Edge bit is High (set to ’1’) the rising edge
of the Clock is the active edge.
6.8
Wrap Burst Bit (CR3)
The Wrap Burst bit, CR3, is used to select between wrap and no wrap. Synchronous burst
reads can be confined inside the 4, 8 or 16 Word boundary (wrap) or overcome the boundary
(no wrap).
When the Wrap Burst bit is Low (set to ‘0’) the burst read wraps. When it is High (set to ‘1’) the
burst read does not wrap.
6.9
Burst length Bits (CR2-CR0)
The Burst Length bits are used to set the number of Words to be output during a Synchronous
Burst Read operation as result of a single address latch cycle.
They can be set for 4 Words, 8 Words, 16 Words or continuous burst, where all the Words are
read sequentially. In continuous burst mode the burst sequence can cross bank boundaries.
In continuous burst mode, in 4, 8 or 16 Words no-wrap, depending on the starting address, the
device asserts the WAIT signal to indicate that a delay is necessary before the data is output.
If the starting address is aligned to an 8 Word boundary no WAIT states are needed and the
WAIT output is not asserted.
If the starting address is not aligned to the 8 Word boundary, WAIT will be asserted when the
burst sequence crosses the first 16 Word boundary to indicate that the device needs an internal
delay to read the successive Words in the array.
In the worst case, the number of WAIT states is one clock cycle less than the latency setting.
The exact number is reported in Table 12: Wait at the Boundary.
WAIT will be asserted only once during a continuous burst access. See also Table 11: Burst
Type Definition.
CR14, CR5 and CR4 are reserved for future use.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com