Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58LT128GS Datasheet(PDF) 77 Page - STMicroelectronics

Part # M58LT128GS
Description  128Mbit (8Mb x16, Multiple Bank, Multi-Level, Burst) 1.8V Supply Secure Flash Memories
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58LT128GS Datasheet(HTML) 77 Page - STMicroelectronics

Back Button M58LT128GS Datasheet HTML 73Page - STMicroelectronics M58LT128GS Datasheet HTML 74Page - STMicroelectronics M58LT128GS Datasheet HTML 75Page - STMicroelectronics M58LT128GS Datasheet HTML 76Page - STMicroelectronics M58LT128GS Datasheet HTML 77Page - STMicroelectronics M58LT128GS Datasheet HTML 78Page - STMicroelectronics M58LT128GS Datasheet HTML 79Page - STMicroelectronics M58LT128GS Datasheet HTML 80Page - STMicroelectronics M58LT128GS Datasheet HTML 81Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 98 page
background image
M58LT128GST, M58LT128GSB
13 Part Numbering
77/98
Table 41.
Protection Register Information
Table 42.
Burst Read Information
Offset
Data
Description
Value
(P+E)h = 118h
0002h
Number of protection register fields in JEDEC ID space. 0000h indicates
that 256 fields are available.
2
(P+F)h = 119h
0080h
Protection Field 1: Protection Description
Bits 0-7 Lower byte of protection register address
Bits 8-15 Upper byte of protection register address
Bits 16-23 2n bytes in factory pre-programmed region
Bits 24-31 2n bytes in user programmable region
80h
(P+10)h = 11Ah
0000h
00h
(P+11)h = 11Bh
0003h
8 Bytes
(P+12)h = 11Ch
0003h
8 Bytes
(P+13)h = 11Dh
0089h
Protection Register 2: Protection Description
Bits 0-31 protection register address
Bits 32-39 n number of factory programmed regions (lower byte)
Bits 40-47 n number of factory programmed regions (upper byte)
Bits 48-55 2n bytes in factory programmable region
Bits 56-63 n number of user programmable regions (lower byte)
Bits 64-71 n number of user programmable regions (upper byte)
Bits 72-79 2n bytes in user programmable region
89h
(P+14)h = 11Eh
0000h
00h
(P+15)h = 11Fh
0000h
00h
(P+16)h = 120h
0000h
00h
(P+17)h = 121h
0000h
0
(P+18)h = 122h
0000h
0
(P+19)h = 123h
0000h
0
(P+1A)h = 124h
0010h
16
(P+1B)h = 125h
0000h
0
(P+1C)h = 126h
0004h
16
Offset
Data
Description
Value
(P+1D)h = 127h
0004h
Page-mode read capability
bits 0-7 n’ such that 2n HEX value represents the number of read-page
bytes. See offset 0028h for device word width to determine page-mode data
output width.
16 Bytes
(P+1E)h = 128h
0004h
Number of synchronous mode read configuration fields that follow.
4
(P+1F)h = 129h
0001h
Synchronous mode read capability configuration 1
bit 3-7 Reserved
bit 0-2 n’ such that 2n+1 HEX value represents the maximum number of
continuous synchronous reads when the device is configured for its
maximum word width. A value of 07h indicates that the device is capable of
continuous linear bursts that will output data until the internal burst counter
reaches the end of the device’s burstable address space. This field’s 3-bit
value can be written directly to the read configuration register bit 0-2 if the
device is configured for its maximum word width. See offset 0028h for word
width to determine the burst data output width.
4
(P+20)h = 12Ah
0002h
Synchronous mode read capability configuration 2
8
(P-21)h = 12Bh
(P+22)h = 12Ch
0003h
0007h
Synchronous mode read capability configuration 3
16
Synchronous mode read capability configuration 4
Cont.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com