Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58LT128GS Datasheet(PDF) 25 Page - STMicroelectronics

Part # M58LT128GS
Description  128Mbit (8Mb x16, Multiple Bank, Multi-Level, Burst) 1.8V Supply Secure Flash Memories
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58LT128GS Datasheet(HTML) 25 Page - STMicroelectronics

Back Button M58LT128GS Datasheet HTML 21Page - STMicroelectronics M58LT128GS Datasheet HTML 22Page - STMicroelectronics M58LT128GS Datasheet HTML 23Page - STMicroelectronics M58LT128GS Datasheet HTML 24Page - STMicroelectronics M58LT128GS Datasheet HTML 25Page - STMicroelectronics M58LT128GS Datasheet HTML 26Page - STMicroelectronics M58LT128GS Datasheet HTML 27Page - STMicroelectronics M58LT128GS Datasheet HTML 28Page - STMicroelectronics M58LT128GS Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 98 page
background image
M58LT128GST, M58LT128GSB
4 Command Interface
25/98
4.10
Program/Erase Suspend command
The Program/Erase Suspend command is used to pause a Program or Block Erase operation.
The command can be addressed to any bank.
The Program/Erase Resume command is required to restart the suspended operation.
One bus write cycle is required to issue the Program/Erase Suspend command. Once the
Program/Erase Controller has paused bits SR7, SR6 and/ or SR2 of the Status Register will be
set to ‘1’.
The following commands are accepted during Program/Erase Suspend:
●
Program/Erase Resume
●
Read Array (data from erase-suspended block or program-suspended Word is not valid)
●
Read Status Register
●
Read Electronic Signature
●
Read CFI Query.
In addition, if the suspended operation was a Block Erase then the following commands are
also accepted:
●
Clear Status Register
●
Program (except in erase-suspended block)
●
Buffer Program (except in erase suspended blocks)
It is possible to accumulate multiple suspend operations. For example: suspend an erase
operation, start a program operation, suspend the program operation, then read the array.
If a Program command is issued during a Block Erase Suspend, the erase operation cannot be
resumed until the program operation has completed.
The Program/Erase Suspend command does not change the read mode of the banks. If the
suspended bank was in Read Status Register, Read Electronic signature or Read CFI Query
mode the bank remains in that mode and outputs the corresponding data.
Refer to Dual Operations section for detailed information about simultaneous operations
allowed during Program/Erase Suspend.
During a Program/Erase Suspend, the device can be placed in standby mode by taking Chip
Enable to VIH. Program/erase is aborted if Reset, RP, goes to VIL.
See Appendix C, Figure 21: Program Suspend & Resume Flowchart and Pseudo Code, and
Figure 23: Erase Suspend & Resume Flowchart and Pseudo Code, for flowcharts for using the
Program/Erase Suspend command.
4.11
Program/Erase Resume command
The Program/Erase Resume command is used to restart the program or erase operation
suspended by the Program/Erase Suspend command. One Bus Write cycle is required to issue
the command. The command can be issued to any address.
The Program/Erase Resume command does not change the read mode of the banks. If the
suspended bank was in Read Status Register, Read Electronic signature or Read CFI Query
mode the bank remains in that mode and outputs the corresponding data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com