Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH79F166AP044PR Datasheet(PDF) 83 Page - List of Unclassifed Manufacturers

Part # SH79F166AP044PR
Description  Enhanced 8051 microcontroller with 10-bit ADC
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SH79F166AP044PR Datasheet(HTML) 83 Page - List of Unclassifed Manufacturers

Back Button SH79F166AP044PR Datasheet HTML 79Page - List of Unclassifed Manufacturers SH79F166AP044PR Datasheet HTML 80Page - List of Unclassifed Manufacturers SH79F166AP044PR Datasheet HTML 81Page - List of Unclassifed Manufacturers SH79F166AP044PR Datasheet HTML 82Page - List of Unclassifed Manufacturers SH79F166AP044PR Datasheet HTML 83Page - List of Unclassifed Manufacturers SH79F166AP044PR Datasheet HTML 84Page - List of Unclassifed Manufacturers SH79F166AP044PR Datasheet HTML 85Page - List of Unclassifed Manufacturers SH79F166AP044PR Datasheet HTML 86Page - List of Unclassifed Manufacturers SH79F166AP044PR Datasheet HTML 87Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 113 page
background image
SH79F166A
83
8.4.6 寄存器
Table 8.21 EUART控制及状态寄存器
98H,Bank0
第7位
第6位
第5位
第4位
第3位
第2位
第1位
第0位
SCON
SM0
/FE
SM1
/RXOV
SM2
/TXCOL
REN
TB8
RB8
TI
RI
读/写
读/写
读/写
读/写
读/写
读/写
读/写
读/写
读/写
复位值
(POR/WDT/LVR/PIN)
0
0
0
0
0
0
0
0
位编号
位符号
说明
7-6
SM[0:1]
EUART串行方式控制位,SSTAT = 0
00:方式0,同步方式,固定波特率
01:方式1,8位异步方式,可变波特率
10:方式2,9位异步方式,固定波特率
11:方式3,9位异步方式,可变波特率
7
FE
EUART帧出错标志位,当FE位被读时,SSTAT位必须被设置为1
0:无帧出错,由软件清除
1:发生帧出错,由硬件置1
6
RXOV
EUART接收完毕标志位,当RXOV位被读时,SSTAT位必须被设置为1
0:无接收完毕,由软件清除
1:接收完毕,由硬件置1
5
SM2
EUART多处理机通讯允许位(第9位“1”校验器),SSTAT = 0
0:在方式0下,波特率是系统时钟的1/12
在方式1下,禁止停止位确认检验,停止位将置RI为1产生中断
在方式2和3下,任何字节都会置RI为1产生中断
1:在方式0下,波特率是系统时钟的1/4
在方式1下,允许停止位确认检验,只有有效的停止位(1)才能置RI为1产生中断
在方式2和3下,只有寻址字节(第9位 = 1)能置RI为1产生中断
5
TXCOL
EUART发送冲突标志位,当TXCOL位被读时,SSTAT位必须被设置为1
0:无发送冲突,由软件清0
1:有发送冲突,由硬件置1
4
REN
EUART接收器允许位
0:接收禁止
1:接收允许
3
TB8
在EUART的方式2和3下发送的第9位,由软件置1或清0
2
RB8
在EUART的方式1,2和3下接收的第9位
在方式0下,不使用RB8
在方式1下,如果接收中断发生,RB8的停止位会收到信号
在方式2和3下,由第9位接收
1
TI
EUART的传送中断标志位
0:由软件清0
1:由硬件置1,在方式0下的第8位最后,或在其它方式下的停止位开始
0
RI
EUART的接收中断标志位
0:由软件清0
1:由硬件置1,在方式0下的第8位最后,或在其它方式下的停止位开始



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com