Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH79F166AP044PR Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SH79F166AP044PR
Description  Enhanced 8051 microcontroller with 10-bit ADC
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SH79F166AP044PR Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SH79F166AP044PR Datasheet HTML 1Page - List of Unclassifed Manufacturers SH79F166AP044PR Datasheet HTML 2Page - List of Unclassifed Manufacturers SH79F166AP044PR Datasheet HTML 3Page - List of Unclassifed Manufacturers SH79F166AP044PR Datasheet HTML 4Page - List of Unclassifed Manufacturers SH79F166AP044PR Datasheet HTML 5Page - List of Unclassifed Manufacturers SH79F166AP044PR Datasheet HTML 6Page - List of Unclassifed Manufacturers SH79F166AP044PR Datasheet HTML 7Page - List of Unclassifed Manufacturers SH79F166AP044PR Datasheet HTML 8Page - List of Unclassifed Manufacturers SH79F166AP044PR Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 113 page
background image
SH79F166A
带10位ADC的增强型8051微控制器
1
V2.2
1.
特性
基于8051指令流水线结构的8位单片机
Flash ROM:16K字节
RAM:内部256字节,外部256字节,LCD RAM 19字节
类EEPROM:1024字节
工作电压:
fOSC = 32.768kHz - 12MHz,VDD = 2V - 5.5V
振荡器(代码选项):
- 晶体谐振器:32.768kHz
- 晶体谐振器:2MHz - 12MHz
- 陶瓷谐振器:2MHz - 12MHz
- 内部RC振荡器:12MHz(±2%)/128K
41个CMOS双向I/O管脚
2个可选择的开漏极I/O口
I/O内建上拉电阻
4个16位定时器/计数器:T2,T3,T4和T5
一个12位PWM定时器
中断源:
- 定时器2,3,4,5
- 外部中断0,1,2,3
- 外部中断4:4输入
- ADC,EUART,SCM,LPD
- PWM
EUART0
8通道10位模数转换器(ADC),内建比较功能
内建蜂鸣器
LED驱动器:
- 8 X 8段(1/8占空比)
- 4 X 8段(1/4占空比)
LCD驱动器:
- 8 X 19段(1/8占空比,1/4偏置)
- 4 X 19段(1/4占空比,1/3偏置)
内建低电压复位功能(LVR)(代码选项)
- LVR电压1:4.3V
- LVR电压2:2.1V
CPU机器周期:
1个振荡周期
看门狗定时器(WDT)
预热计数器
支持省电运行模式:
- 空闲模式
- 掉电模式
Flash型
封装:QFP44/LQFP44
2.
概述
SH79F166A是一种高速高效率8051可兼容单片机。
在同样振荡频率下,较之传统的8051芯片它有着运行更快速的优越特性。
SH79F166A保留了标准8051芯片的大部分特性。这些特性包括内置256字节RAM,1个UART和外置中断INT0,INT1,INT2
和INT3。此外,SH79F166A还集成了外部256字节RAM,可兼容8052芯片的16位定时器/计数器(Timer2)。该单片机还包括
适合于程序和数据的16K字节Flash块。
SH79F166A不仅集成了如EUART等标准通讯模块,此外还集成了LCD驱动器,具有内建比较功能的ADC,PWM定时器等
模块。
为了达到高可靠性和低功耗,SH79F166A内建看门狗定时器,低电压复位功能及系统时钟监控功能。此外SH79F166A还提
供了2种低功耗省电模式。


Similar Part No. - SH79F166AP044PR

ManufacturerPart #DatasheetDescription
logo
SINOWEALTH Electronic L...
SH79F166AP/044PR SINOWEALTH-SH79F166AP/044PR Datasheet
1Mb / 113P
Enhanced 8051 Microcontroller with 10bit ADC
V2.2
More results

Similar Description - SH79F166AP044PR

ManufacturerPart #DatasheetDescription
logo
SINOWEALTH Electronic L...
SH77P1651 SINOWEALTH-SH77P1651 Datasheet
1Mb / 93P
Enhanced 8051 Microcontroller with 10bit ADC
V2.1
SH77P1651A SINOWEALTH-SH77P1651A Datasheet
1Mb / 93P
Enhanced 8051 Microcontroller with 10bit ADC
V1.0
SH79F0819 SINOWEALTH-SH79F0819 Datasheet
1Mb / 101P
Enhanced 8051 Microcontroller with 10bit ADC
V2.2
SH79F081B SINOWEALTH-SH79F081B Datasheet
1Mb / 103P
Enhanced 8051 Microcontroller with 10bit ADC
V2.0
SH79F085 SINOWEALTH-SH79F085 Datasheet
1Mb / 97P
Enhanced 8051 Microcontroller with 20-Bit ADC
V2.2
SH79F1620 SINOWEALTH-SH79F1620 Datasheet
1Mb / 92P
Enhanced 8051 Microcontroller with 10bit ADC
V2.1
SH79F166A SINOWEALTH-SH79F166A Datasheet
1Mb / 113P
Enhanced 8051 Microcontroller with 10bit ADC
V2.2
SH79F3283 SINOWEALTH-SH79F3283 Datasheet
1Mb / 144P
Enhanced 8051 Microcontroller with 12bit ADC
V2.0
SH79M084B SINOWEALTH-SH79M084B Datasheet
987Kb / 86P
Enhanced 8051 Microcontroller with 10bit ADC
V2.0
SH88F2051B SINOWEALTH-SH88F2051B Datasheet
1Mb / 92P
Enhanced 8051 Microcontroller with 10bit ADC
V1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com