Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH79F166AP044PR Datasheet(PDF) 91 Page - List of Unclassifed Manufacturers

Part # SH79F166AP044PR
Description  Enhanced 8051 microcontroller with 10-bit ADC
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SH79F166AP044PR Datasheet(HTML) 91 Page - List of Unclassifed Manufacturers

Back Button SH79F166AP044PR Datasheet HTML 87Page - List of Unclassifed Manufacturers SH79F166AP044PR Datasheet HTML 88Page - List of Unclassifed Manufacturers SH79F166AP044PR Datasheet HTML 89Page - List of Unclassifed Manufacturers SH79F166AP044PR Datasheet HTML 90Page - List of Unclassifed Manufacturers SH79F166AP044PR Datasheet HTML 91Page - List of Unclassifed Manufacturers SH79F166AP044PR Datasheet HTML 92Page - List of Unclassifed Manufacturers SH79F166AP044PR Datasheet HTML 93Page - List of Unclassifed Manufacturers SH79F166AP044PR Datasheet HTML 94Page - List of Unclassifed Manufacturers SH79F166AP044PR Datasheet HTML 95Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 113 page
background image
SH79F166A
91
8.7 低电压检测(LPD)
8.7.1 特性
 低电压检测并产生中断
 可选的LPD检测电压
 LPD去抖动时间TLPD为30-60µs
低电压检测(LPD)功能用来监测电源电压,如果电压低于指定值时产生内部标志。LPD功能用来通知CPU电源是否被切
断或电池是否用尽,因此在电压低于最小工作电压之前,软件可以采取一些保护措施。
LPD中断可以唤醒Power-down模式。
8.7.2 寄存器
Table 8.31 低电压检测控制寄存器
B3H
第7位
第6位
第5位
第4位
第3位
第2位
第1位
第0位
LPDCON
LPDEN
LPDF*
LPDMD
LPDIF
LPDS3
LPDS2
LPDS1
LPDS0
读/写
读/写
读*
读/写
读/写
读/写
读/写
读/写
读/写
复位值
(POR/WDT/LVR/PIN)
0
0
0
0
0
0
0
0
位编号
位符号
说明
7
LPDEN
LPD允许位
0:禁止低电压检测
1:允许低电压检测
6
LPDF
LPD状态标志位
0:无LPD发生,由硬件清0
1:LPD发生,由硬件置1
5
LPDMD
LPD模式选择控制位
0:当VDD电压小于设定的LPD检测电压时,LPDF标志置1
1:当VDD电压大于设定的LPD检测电压时,LPDF标志置1
4
LPDIF
LPD中断标志查询位
0:无LPD发生,由软件清0
1:LPD发生,由硬件置1
3-0
LPDS[3:0]
LPD电压设置位
0000:2.4V
0001:2.55V
0010:2.7V
0011:2.85V
0100:3.00V
0101:3.15V
0110:3.30V
0111:3.45V
1000:3.60V
1001:3.75V
1010:3.90V
1011:4.05V
1100:4.20V
1101:4.35V
1110:4.50V
1111:4.65V
*:LPDIF软件只能够清0,不能置1。



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com