Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH79F166AP044PR Datasheet(PDF) 75 Page - List of Unclassifed Manufacturers

Part # SH79F166AP044PR
Description  Enhanced 8051 microcontroller with 10-bit ADC
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SH79F166AP044PR Datasheet(HTML) 75 Page - List of Unclassifed Manufacturers

Back Button SH79F166AP044PR Datasheet HTML 71Page - List of Unclassifed Manufacturers SH79F166AP044PR Datasheet HTML 72Page - List of Unclassifed Manufacturers SH79F166AP044PR Datasheet HTML 73Page - List of Unclassifed Manufacturers SH79F166AP044PR Datasheet HTML 74Page - List of Unclassifed Manufacturers SH79F166AP044PR Datasheet HTML 75Page - List of Unclassifed Manufacturers SH79F166AP044PR Datasheet HTML 76Page - List of Unclassifed Manufacturers SH79F166AP044PR Datasheet HTML 77Page - List of Unclassifed Manufacturers SH79F166AP044PR Datasheet HTML 78Page - List of Unclassifed Manufacturers SH79F166AP044PR Datasheet HTML 79Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 113 page
background image
SH79F166A
75
8.3.6 死区时间
SH79F166A PWM提供死区时间控制功能。
当PWM0S = 0时,死区时间产生如下图所示。
dead time
dead time
PWM0
PWM01
PWM0S=0
duty cycle
dead time
period
Reload
PWM Enable
PWM int
Reload
PWM int
当PWM0S = 1时,死区时间产生如下图所示。
dead time
dead time
PWM0
PWM01
PWM0S=1
duty cycle
dead time
period
Reload
PWM Enable
PWM int
Reload
PWM int
通过写PWM0死区时间控制寄存器,在PWM0和PWM01之间产生死区时间。
PWM01与PWM0周期相同。
注意:
(1) 死区时间必须在PWM输出允许前置位,否则,死区时间不会改变。所以为了修改死区时间,先禁止PWM输出(PWMLO
= #55h),然后改变死区时间,允许PWM输出。最后,为保证PWM相关寄存器不受干扰影响而改变,修改PWMLO寄存器内
容不等于55h。
(2) 为了产生死区时间,请确保(PWM0周期 - PWM0占空比) > 2*PWM01的死区时间。否则,PWM01当PWMS = 1时输
出高电平,当PWMS = 0时输出低电平。
(3) PWMDT寄存器用于控制死区时间,它的时基为振荡器时钟,而周期和占空比的时基由TnCK1-0控制,最小为2个振荡器
时钟。
(4) 每次重新开启PWM前,须先将死区控制寄存器清0,然后再重新设置此寄存器
Table 8.20 PWM0死区时间控制寄存器
D1H
第7位
第6位
第5位
第4位
第3位
第2位
第1位
第0位
PWM0DT
DT0.7
DT0.6
DT0.5
DT0.4
DT0.3
DT0.2
DT0.1
DT0.0
读/写
读/写
读/写
读/写
读/写
读/写
读/写
读/写
读/写
复位值
(POR/WDT/LVR/PIN)
0
0
0
0
0
0
0
0
位编号
位符号
说明
7-0
DT0[7:0]
12位PWM0死区时间控制
死区时间为(DT0.7 - DT0.0)X tOSC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com