Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH79F166AP044PR Datasheet(PDF) 31 Page - List of Unclassifed Manufacturers

Part # SH79F166AP044PR
Description  Enhanced 8051 microcontroller with 10-bit ADC
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SH79F166AP044PR Datasheet(HTML) 31 Page - List of Unclassifed Manufacturers

Back Button SH79F166AP044PR Datasheet HTML 27Page - List of Unclassifed Manufacturers SH79F166AP044PR Datasheet HTML 28Page - List of Unclassifed Manufacturers SH79F166AP044PR Datasheet HTML 29Page - List of Unclassifed Manufacturers SH79F166AP044PR Datasheet HTML 30Page - List of Unclassifed Manufacturers SH79F166AP044PR Datasheet HTML 31Page - List of Unclassifed Manufacturers SH79F166AP044PR Datasheet HTML 32Page - List of Unclassifed Manufacturers SH79F166AP044PR Datasheet HTML 33Page - List of Unclassifed Manufacturers SH79F166AP044PR Datasheet HTML 34Page - List of Unclassifed Manufacturers SH79F166AP044PR Datasheet HTML 35Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 113 page
background image
SH79F166A
31
7.5.5 振荡器类型
(1) OP_OSC = 0000,0011:内部RC振荡器,XTAL和XTALX引脚与I/O共用
XTALX1
XTALX2
XTAL1
XTAL2
(2) OP_OSC = 1010:从XTAL输入32.768kHz晶体谐振器,内部RC振荡器可以使能,XTALX引脚与I/O共用
XTALX1
XTALX2
XTAL1
XTAL2
C1
C2
32.768kHz
(3) OP_OSC = 1101:从XTAL输入32.768kHz晶体谐振器,从XTALX输入2M - 12M晶体谐振器/陶瓷谐振器*
XTALX1
XTALX2
XTAL1
XTAL2
C1
C2
32.768kHz
C1
C2
Crystal/
Ceramic
(4) OP_OSC = 1110:从XTAL输入2M - 12M晶体谐振器/陶瓷谐振器*,XTALX引脚与I/O共用
XTALX1
XTALX2
XTAL1
XTAL2
C1
C2
Crystal/
Ceramic
(5) OP_OSC = 0110:内部128KHz RC振荡器,从XTAL输入2M - 12M晶体谐振器/陶瓷谐振器*,XTALX引脚与I/O共用
XTALX1
XTALX2
XTAL1
XTAL2
C1
C2
Crystal/
Ceramic
*:如果环境湿度较大,使用高频振荡器时,建议外加510K反馈电阻。



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com