Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH79F166AP044PR Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # SH79F166AP044PR
Description  Enhanced 8051 microcontroller with 10-bit ADC
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SH79F166AP044PR Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button SH79F166AP044PR Datasheet HTML 2Page - List of Unclassifed Manufacturers SH79F166AP044PR Datasheet HTML 3Page - List of Unclassifed Manufacturers SH79F166AP044PR Datasheet HTML 4Page - List of Unclassifed Manufacturers SH79F166AP044PR Datasheet HTML 5Page - List of Unclassifed Manufacturers SH79F166AP044PR Datasheet HTML 6Page - List of Unclassifed Manufacturers SH79F166AP044PR Datasheet HTML 7Page - List of Unclassifed Manufacturers SH79F166AP044PR Datasheet HTML 8Page - List of Unclassifed Manufacturers SH79F166AP044PR Datasheet HTML 9Page - List of Unclassifed Manufacturers SH79F166AP044PR Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 113 page
background image
SH79F166A
6
5.
引脚描述
引脚命名
类型
说明
I/O端口
P0.0 - P0.7
I/O
8位双向I/O端口
P1.0 - P1.7
I/O
8位双向I/O端口
P2.0 - P2.7
I/O
8位双向I/O端口
P3.0 - P3.7
I/O
8位双向I/O端口
P4.0 - P4.4
I/O
5位双向I/O端口
P5.0 - P5.3
I/O
4位双向I/O端口
定时器
T2
I/O
定时器2外部输入/波特率时钟输出
T3
I
定时器3外部输入
T4
I/O
定时器4外部输入/比较输出
T2EX
I
定时器2重载/捕捉/方向控制
PWM控制器
PWM0
O
12位PWM定时器输出引脚
PWM01
O
与PWM0有固定相位关系的12位PWM定时器输出引脚
FLT
I
PWM故障检测输入引脚
EUART
RXD
I
EUART0数据输入引脚
TXD
O
EUART0数据输出引脚
ADC
AN0 - AN7
I
ADC输入通道
AVREF
I
ADC外部参考电压引脚
LCD控制器
COM1 - COM8
O
LCD显示COM信号输出引脚
SEG1 - SEG19
O
LCD显示Segment信号输出引脚
LED驱动器
LED_C1 - LED_C8
O
LED显示COM信号输出引脚
LED_S1 - LED_S8
O
LED显示Segment信号输出引脚
中断&复位&时钟&电源
INT0 - INT3
I
外部中断0 - 3
INT40 - INT43
I
外部中断40 - 43
RST
————
I
该引脚上保持10µs以上的低电平,CPU将复位。由于有内建3
0kΩ上拉电阻
连接到VDD,所以仅接一个外部电容即可实现上电复位。
XTAL1
I
谐振器输入
XTAL2
O
谐振器输出
XTALX1
I
谐振器X输入
XTALX2
O
谐振器X输出
VSS
P
接地
VDD
P
电源(2.0 - 5.5V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com