Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH79F166AP044PR Datasheet(PDF) 47 Page - List of Unclassifed Manufacturers

Part # SH79F166AP044PR
Description  Enhanced 8051 microcontroller with 10-bit ADC
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SH79F166AP044PR Datasheet(HTML) 47 Page - List of Unclassifed Manufacturers

Back Button SH79F166AP044PR Datasheet HTML 43Page - List of Unclassifed Manufacturers SH79F166AP044PR Datasheet HTML 44Page - List of Unclassifed Manufacturers SH79F166AP044PR Datasheet HTML 45Page - List of Unclassifed Manufacturers SH79F166AP044PR Datasheet HTML 46Page - List of Unclassifed Manufacturers SH79F166AP044PR Datasheet HTML 47Page - List of Unclassifed Manufacturers SH79F166AP044PR Datasheet HTML 48Page - List of Unclassifed Manufacturers SH79F166AP044PR Datasheet HTML 49Page - List of Unclassifed Manufacturers SH79F166AP044PR Datasheet HTML 50Page - List of Unclassifed Manufacturers SH79F166AP044PR Datasheet HTML 51Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 113 page
background image
SH79F166A
47
寄存器
Table 7.30 定时器3控制寄存器
88H,Bank1
第7位
第6位
第5位
第4位
第3位
第2位
第1位
第0位
T3CON
TF3
-
T3PS.1
T3PS.0
-
TR3
T3CLKS.1 T3CLKS.0
读/写
读/写
-
读/写
读/写
-
读/写
读/写
读/写
复位值
(POR/WDT/LVR/PIN)
0
-
0
0
-
0
0
0
位编号
位符号
说明
7
TF3
定时器3溢出标志位
0:无溢出(硬件清0)
1:溢出(硬件置1)
5-4
T3PS[1:0]
定时器3预分频比选择位
00:1/1
01:1/8
10:1/64
11:1/256
2
TR3
定时器3允许控制位
0:停止定时器3
1:开始定时器3
1-0
T3CLKS[1:0]
定时器3定时器/计数器方式选定位
00:系统时钟,T3引脚用作I/O端口
01:T3端口输入外部时钟,自动上拉
10:外部32.768kHz晶体谐振器或128k RC
11:保留
Table 7.31 定时器3重载/计数数据寄存器
8CH-8DH,Bank1
第7位
第6位
第5位
第4位
第3位
第2位
第1位
第0位
TL3
TL3.7
TL3.6
TL3.5
TL3.4
TL3.3
TL3.2
TL3.1
TL3.0
TH3
TH3.7
TH3.6
TH3.5
TH3.4
TH3.3
TH3.2
TH3.1
TH3.0
读/写
读/写
读/写
读/写
读/写
读/写
读/写
读/写
读/写
复位值
(POR/WDT/LVR/PIN)
0
0
0
0
0
0
0
0
位编号
位符号
说明
7-0
TL3.x
定时器3低位高位计数器,x = 0 - 7
TH3.x
Table 7.32 定时器3重载/计数数据寄存器
89H,Bank1
第7位
第6位
第5位
第4位
第3位
第2位
第1位
第0位
SWTHL
-
-
-
-
-
-
T5HLCON T3HLCON
读/写
-
-
-
-
-
-
读/写
读/写
复位值
(POR/WDT/LVR/PIN)
-
-
-
-
-
-
0
0
位编号
位符号
说明
0
T3HLCON
0:读TH3和TL3时,返回值为T3计数器值
1:读TH3和TL3时,返回值为T3重载寄存器值



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com