Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH79F166AP044PR Datasheet(PDF) 35 Page - List of Unclassifed Manufacturers

Part # SH79F166AP044PR
Description  Enhanced 8051 microcontroller with 10-bit ADC
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SH79F166AP044PR Datasheet(HTML) 35 Page - List of Unclassifed Manufacturers

Back Button SH79F166AP044PR Datasheet HTML 31Page - List of Unclassifed Manufacturers SH79F166AP044PR Datasheet HTML 32Page - List of Unclassifed Manufacturers SH79F166AP044PR Datasheet HTML 33Page - List of Unclassifed Manufacturers SH79F166AP044PR Datasheet HTML 34Page - List of Unclassifed Manufacturers SH79F166AP044PR Datasheet HTML 35Page - List of Unclassifed Manufacturers SH79F166AP044PR Datasheet HTML 36Page - List of Unclassifed Manufacturers SH79F166AP044PR Datasheet HTML 37Page - List of Unclassifed Manufacturers SH79F166AP044PR Datasheet HTML 38Page - List of Unclassifed Manufacturers SH79F166AP044PR Datasheet HTML 39Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 113 page
background image
SH79F166A
35
Table 7.18 端口数据寄存器
80H - C0H
第7位
第6位
第5位
第4位
第3位
第2位
第1位
第0位
P0 (80H, Bank0)
P0.7
P0.6
P0.5
P0.4
P0.3
P0.2
P0.1
P0.0
P1 (90H, Bank0)
P1.7
P1.6
P1.5
P1.4
P1.3
P1.2
P1.1
P1.0
P2 (A0H, Bank0)
P2.7
P2.6
P2.5
P2.4
P2.3
P2.2
P2.1
P2.0
P3 (B0H, Bank0)
P3.7
P3.6
P3.5
P3.4
P3.3
P3.2
P3.1
P3.0
P4 (C0H, Bank0)
-
-
-
P4.4
P4.3
P4.2
P4.1
P4.0
P5 (80H, Bank1)
-
-
-
-
P5.3
P5.2
P5.1
P5.0
读/写
读/写
读/写
读/写
读/写
读/写
读/写
读/写
读/写
复位值
(POR/WDT/LVR/PIN)
0
0
0
0
0
0
0
0
位编号
位符号
说明
7-0
Px.y
x = 0-5, y = 0-7
端口数据寄存器
Table 7.19 端口模式选择寄存器
EFH,Bank0
第7位
第6位
第5位
第4位
第3位
第2位
第1位
第0位
P0OS
-
-
P0OS.5
P0OS.4
-
-
-
-
读/写
-
-
读/写
读/写
-
-
-
-
复位值
(POR/WDT/LVR/PIN)
-
-
0
0
-
-
-
-
位编号
位符号
说明
5-4
P0OS.x
x = 5-4
端口0输出模式选择
0:引脚输出模式为CMOS推挽输出
1:引脚输出模式为N沟道开漏输出
注意:P0.4,P0.5端口作为为N-通道的开漏I/O,但是此时端口电压不得超过VDD+0.3V。



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com