Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH79F166AP044PR Datasheet(PDF) 28 Page - List of Unclassifed Manufacturers

Part # SH79F166AP044PR
Description  Enhanced 8051 microcontroller with 10-bit ADC
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SH79F166AP044PR Datasheet(HTML) 28 Page - List of Unclassifed Manufacturers

Back Button SH79F166AP044PR Datasheet HTML 24Page - List of Unclassifed Manufacturers SH79F166AP044PR Datasheet HTML 25Page - List of Unclassifed Manufacturers SH79F166AP044PR Datasheet HTML 26Page - List of Unclassifed Manufacturers SH79F166AP044PR Datasheet HTML 27Page - List of Unclassifed Manufacturers SH79F166AP044PR Datasheet HTML 28Page - List of Unclassifed Manufacturers SH79F166AP044PR Datasheet HTML 29Page - List of Unclassifed Manufacturers SH79F166AP044PR Datasheet HTML 30Page - List of Unclassifed Manufacturers SH79F166AP044PR Datasheet HTML 31Page - List of Unclassifed Manufacturers SH79F166AP044PR Datasheet HTML 32Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 113 page
background image
SH79F166A
28
7.4.3 SSP编程注意事项
为确保顺利完成SSP编程,用户软件必须按以下步骤设置:
(1) 用于代码/数据编程:
1. 关闭中断;
2. 根据地址设置XPAGE,IB_OFFSET;
3. 按编程需要,设置IB_DATA;
4. 按照顺序设置IB_CON1 - 5;
5. 添加4个NOP指令;
6. 开始编程,CPU将进入IDLE模式;烧写完成后自动退出IDLE模式;
7. 如需继续写入数据,跳转至第2步;
8. XPAGE寄存器清0,恢复中断设置。
(2) 用于扇区擦除:
1. 关闭中断;
2. 按相应的扇区设置XPAGE;
3. 按照顺序设置IB_CON1 - 5;
4. 添加4个NOP指令;
5. 开始擦除,CPU将进入IDLE模式;擦除完成后自动退出IDLE模式;
6. 如需要继续擦除数据,跳转至第2步;
7. XPAGE寄存器清0,恢复中断设置。
(3) 读取:
使用“MOVC A,@A+DPTR”或者“MOVC A,@A+PC”指令。
(4) 对于类EEPROM区域
对于类EEPROM的操作类似于Flash的操作,即类似上述(1)/(2)/(3)部分的描述。区别在于:
1. 在对类EEPROM进行擦除、写或读之前,应首先将FLASHCON寄存器的最低位FAC位置1。
2. 类EEPROM的扇区为256字节,而不是1024字节
注意:
1. 系统时钟不得低于200kHz以确保FLASH的正常编程
2. 当不需对类EEPROM操作时,必须将FAC位清0
FLASHCON寄存器的描述如下:
Table 7.13 访问控制寄存器
A7H,Bank0
第7位
第6位
第5位
第4位
第3位
第2位
第1位
第0位
FLASHCON
-
-
-
-
-
-
-
FAC
读/写
-
-
-
-
-
-
-
读/写
复位值
(POR/WDT/LVR/PIN)
-
-
-
-
-
-
-
0
位编号
位符号
说明
7-1
-
保留位
0
FAC
访问控制
0:MOVC指令或者SSP功能访问Main Block区域
1:MOVC指令或者SSP功能访问类EEPROM区域



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com