Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH79F166AP044PR Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # SH79F166AP044PR
Description  Enhanced 8051 microcontroller with 10-bit ADC
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SH79F166AP044PR Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button SH79F166AP044PR Datasheet HTML 17Page - List of Unclassifed Manufacturers SH79F166AP044PR Datasheet HTML 18Page - List of Unclassifed Manufacturers SH79F166AP044PR Datasheet HTML 19Page - List of Unclassifed Manufacturers SH79F166AP044PR Datasheet HTML 20Page - List of Unclassifed Manufacturers SH79F166AP044PR Datasheet HTML 21Page - List of Unclassifed Manufacturers SH79F166AP044PR Datasheet HTML 22Page - List of Unclassifed Manufacturers SH79F166AP044PR Datasheet HTML 23Page - List of Unclassifed Manufacturers SH79F166AP044PR Datasheet HTML 24Page - List of Unclassifed Manufacturers SH79F166AP044PR Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 113 page
background image
SH79F166A
21
7.3 Flash程序存储器
7.3.1 特性
 Flash 存储器包括 16 X 1KB 区块,总共 16KB
 在工作电压范围内都能进行编程和擦除操作
 在线编程(ICP)操作支持写入、读取和擦除操作
 支持整体/扇区擦除和编程
 编程/擦除次数:至少 100000 次
 数据保存年限:至少 10 年
 低功耗
EEPROM Like Data Block
Program Memory Block
0000H
0000H
Information Block
03FFH
FFFFH
Program Memory Block
Reserved
3FFFH
SH79F166A为存储程序代码内置16K可编程Flash(Program Memory Block),可以通过在线编程(ICP)模式和扇区自编
程(SSP)模式对Flash存储器操作。每个扇区1024字节。
SH79F166A还内置1024字节的类EEPROM存储区用于存放用户数据,每个扇区256字节,总共4个扇区。
Flash操作定义:
在线编程(ICP)模式:通过Flash编程器对Flash存储器进行擦、读、写操作。
扇区自编程(SSP)模式:用户程序代码运行在Program Memory中,对Flash存储器进行擦、读、写操作。



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com