Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH79F166AP044PR Datasheet(PDF) 88 Page - List of Unclassifed Manufacturers

Part # SH79F166AP044PR
Description  Enhanced 8051 microcontroller with 10-bit ADC
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SH79F166AP044PR Datasheet(HTML) 88 Page - List of Unclassifed Manufacturers

Back Button SH79F166AP044PR Datasheet HTML 84Page - List of Unclassifed Manufacturers SH79F166AP044PR Datasheet HTML 85Page - List of Unclassifed Manufacturers SH79F166AP044PR Datasheet HTML 86Page - List of Unclassifed Manufacturers SH79F166AP044PR Datasheet HTML 87Page - List of Unclassifed Manufacturers SH79F166AP044PR Datasheet HTML 88Page - List of Unclassifed Manufacturers SH79F166AP044PR Datasheet HTML 89Page - List of Unclassifed Manufacturers SH79F166AP044PR Datasheet HTML 90Page - List of Unclassifed Manufacturers SH79F166AP044PR Datasheet HTML 91Page - List of Unclassifed Manufacturers SH79F166AP044PR Datasheet HTML 92Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 113 page
background image
SH79F166A
88
Table 8.27 ADC定时控制寄存器
94H,Bank0
第7位
第6位
第5位
第4位
第3位
第2位
第1位
第0位
ADT
TADC2
TADC1
TADC0
-
TS3
TS2
TS1
TS0
读/写
读/写
读/写
读/写
-
读/写
读/写
读/写
读/写
复位值
(POR/WDT/LVR/PIN)
0
0
0
-
0
0
0
0
位编号
位符号
说明
7-5
TADC[2:0]
ADC时钟周期选择位
000:ADC时钟周期tAD = 2 tSYS
001:ADC时钟周期tAD = 4 tSYS
010:ADC时钟周期tAD = 6 tSYS
011:ADC时钟周期tAD = 8 tSYS
100:ADC时钟周期tAD = 12 tSYS
101:ADC时钟周期tAD = 16 tSYS
110:ADC时钟周期tAD = 24 tSYS
111:ADC时钟周期tAD = 32 tSYS
3-0
TS[3:0]
采样时间选择位
2 tAD ≤ 采样时间 = (TS[3:0]+1) * tAD ≤ 15 tAD
注意:
(1) 请确保ADC时钟周期tAD ≧ 1µs;
(2) 即使TS[3:0] = 0000,最小采样时间为2tAD;
(3) 即使TS[3:0] = 1111,最大采样时间为15tAD;
(4) 在设置TS[3:0]前,请估算连接到ADC输入引脚的串联电阻;
(5) 选择2*tAD为采样时间时,请确保连接到ADC输入引脚的串联电阻小于10kΩ;
(6) 全部转换时间 = 12tAD+ 采样时间。
举例说明:
系统时钟 (SYSCLK) TADC[2:0]
tAD
TS[3:0]
采样时间
转换时间
32.768kHz
000
30.5 *2=61
µs
0000
2*61=122
µs
12*61+122=854
µs
000
30.5 *2=61
µs
0111
8*61=488
µs
12*61+488=1220
µs
000
30.5 *2=61
µs
1111
15*61=915
µs
12*61+915=1647
µs
111
30.5 *32=976
µs
0000
2*976=1952
µs
12*976+1952=13664
µs
111
30.5 *32=976
µs
0111
8*976=7808
µs
12*976+7808=19520
µs
111
30.5 *32=976
µs
1111
15*976=14640
µs
12*976+14640=26352
µs
4MHz
000
0.25 *2=0.5
µs
-
-
(tAD < 1µs,不推荐)
001
0.25 *4=1
µs
0000
2*1=2
µs
12*1+2=14
µs
001
0.25 *4=1
µs
0111
8*1=8
µs
12*1+8=20
µs
001
0.25 *4=1
µs
1111
15*1=15
µs
12*1+15=27
µs
111
0.25 *32=8
µs
0000
2*8=16
µs
12*8+16=112
µs
111
0.25 *32=8
µs
0111
8*8=64
µs
12*8+64=160
µs
111
0.25 *32=8
µs
1111
15*8=120
µs
12*8+120=216
µs
12MHz
000
0.083*2=0.166
µs
-
-
(tAD < 1µs,不推荐)
100
0.083*12=1
µs
0000
2*1=2
µs
12*1+2=14
µs
100
0.083*12=1
µs
0111
8*1=8
µs
12*1+8=20
µs
100
0.083*12=1
µs
1111
15*1=15
µs
12*1+15=27
µs
111
0.083*32=2.7
µs
0000
2*2.7=5.4
µs
12*2.7+5.4=37.8
µs
111
0.083*32=2.7
µs
0111
8*2.7=21.6
µs
12*2.7+21.6=54
µs
111
0.083*32=2.7
µs
1111
15*2.7=40.5
µs
12*2.7+40.5=72.9
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com