Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH79F166AP044PR Datasheet(PDF) 30 Page - List of Unclassifed Manufacturers

Part # SH79F166AP044PR
Description  Enhanced 8051 microcontroller with 10-bit ADC
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SH79F166AP044PR Datasheet(HTML) 30 Page - List of Unclassifed Manufacturers

Back Button SH79F166AP044PR Datasheet HTML 26Page - List of Unclassifed Manufacturers SH79F166AP044PR Datasheet HTML 27Page - List of Unclassifed Manufacturers SH79F166AP044PR Datasheet HTML 28Page - List of Unclassifed Manufacturers SH79F166AP044PR Datasheet HTML 29Page - List of Unclassifed Manufacturers SH79F166AP044PR Datasheet HTML 30Page - List of Unclassifed Manufacturers SH79F166AP044PR Datasheet HTML 31Page - List of Unclassifed Manufacturers SH79F166AP044PR Datasheet HTML 32Page - List of Unclassifed Manufacturers SH79F166AP044PR Datasheet HTML 33Page - List of Unclassifed Manufacturers SH79F166AP044PR Datasheet HTML 34Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 113 page
background image
SH79F166A
30
7.5.4 寄存器
Table 7.14 系统时钟控制寄存器
B2H,Bank0
第7位
第6位
第5位
第4位
第3位
第2位
第1位
第0位
CLKCON
32k_SPDUP
CLKS1
CLKS0
SCMIF
HFON
FS
-
-
读/写
读/写
读/写
读/写
读
读/写
读/写
-
-
复位值
(POR/WDT/LVR/PIN)
1
1
1
0
0
0
-
-
位编号
位符号
说明
7
32k_SPDUP
32.768kHz晶体谐振器加速模式控制位
0:32.768kHz振荡器常规模式,由软件清0。
1:32.768kHz振荡器加速模式,由软件或者硬件置1。
此位在系统发生任何形式的复位,如上电复位,看门狗复位等时,自动由硬件设
置1,用以加速32.768kHz振荡器起振,缩短32.768kHz振荡器的起振时间。
如果有需要,本位也可以由软件置1或者清0。比如进入掉电模式(Power-down
mode)前,可以将此位置1,掉电模式唤醒后再由软件清0。
应该注意的是关闭32.768kHz加速模式(此位清0),可以节省系统的耗电。只有
代码选项OP_OSC为1010或1101时(选择32.768kHz晶体振荡器,详见代码选项章
节),此控制位才有效。
6-5
CLKS[1:0]
系统时钟频率分频器
00:fSYS = fOSCS
01:fSYS = fOSCS/2
10:fSYS = fOSCS/4
11:fSYS = fOSCS/12
如果选择32.768kHz振荡器为OSCSCLK,此控制位无效。
3
HFON
OSCXCLK开关控制寄存器
0:关闭OSCXCLK
1:打开OSCXCLK
只有代码选项OP_OSC为0011,0110,1010,1101时(选择32.768kHz晶体振荡
器或128K内部RC振荡器,详见代码选项章节),此控制位才有效。
2
FS
频率选择位
0:选择32.768kHz/128kHz为OSCSCLK
1:选择OSCXCLK为OSCSCLK
只有代码选项OP_OSC为0011,0110,1010,1101时(选择32.768kHz晶体振荡
器或128K内部RC振荡器,详见代码选项章节),此控制位才有效。
注意:
1. 当代码选项OP_OSC为0011,1010时,OSCXCLK为内建12MHzRC;当代码选项OP_OSC为0110或者1101时,
OSCXCLK为从XTALX输入的晶体谐振器或陶瓷谐振器;
2. 当代码选项OP_OSC为0011,0110,1010,1101,HFON和FS才有效;
3. 当OSCXCLK作为OSCSCLK时(也就是说,HFON = 1和FS = 1),HFON不能软件清0;
4. 当OSCSCLK从32.768kHz/128K切换到OSCXCLK时,假如当时OSCXCLK为关闭状态,则必须按以下步骤依次设置:
a. 设置HFON = 1,打开OSCXCLK
b. 至少等待振荡器预热时间(详见振荡器预热章节)
c. 设置FS = 1,选择OSCXCLK作为OSCSCLK
5. 当OSCSCLK从OSCXCLK切回到32.768kHz/128K时,则必须按以下步骤依次设置:
a. FS位清0,选择32.768kHz/128K作为OSCSCLK
b. 添加1个NOP指令
c. HFON位清0(降低功耗)
d.添加4个NOP指令



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com