Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH79F166AP044PR Datasheet(PDF) 32 Page - List of Unclassifed Manufacturers

Part # SH79F166AP044PR
Description  Enhanced 8051 microcontroller with 10-bit ADC
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SH79F166AP044PR Datasheet(HTML) 32 Page - List of Unclassifed Manufacturers

Back Button SH79F166AP044PR Datasheet HTML 28Page - List of Unclassifed Manufacturers SH79F166AP044PR Datasheet HTML 29Page - List of Unclassifed Manufacturers SH79F166AP044PR Datasheet HTML 30Page - List of Unclassifed Manufacturers SH79F166AP044PR Datasheet HTML 31Page - List of Unclassifed Manufacturers SH79F166AP044PR Datasheet HTML 32Page - List of Unclassifed Manufacturers SH79F166AP044PR Datasheet HTML 33Page - List of Unclassifed Manufacturers SH79F166AP044PR Datasheet HTML 34Page - List of Unclassifed Manufacturers SH79F166AP044PR Datasheet HTML 35Page - List of Unclassifed Manufacturers SH79F166AP044PR Datasheet HTML 36Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 113 page
background image
SH79F166A
32
7.5.6 谐振器负载电容选择
陶瓷谐振器
频率
C1
C2
3.58MHz
-
-
4MHz
-
-
晶体谐振器
频率
C1
C2
32.768kHz
10 - 12pF
10 - 12pF
4MHz
8 - 15pF
8 - 15pF
12MHz
8 - 15pF
8 - 15pF
注意:
(1) 表中负载电容仅供参考!
(2) 以上电容值可通过谐振器基本的起振和运行测试,并非最优值。
(3) 请注意印制板上的杂散电容,用户应在超过应用电压和温度的条件下测试谐振器的性能。
在应用陶瓷谐振器/晶体谐振器之前,用户需向谐振器生产厂要求相关应用参数以获得最佳性能。
请登陆http://www.sinowealth.com以取得更多的推荐谐振器生产厂。



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com