Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH79F166AP044PR Datasheet(PDF) 29 Page - List of Unclassifed Manufacturers

Part # SH79F166AP044PR
Description  Enhanced 8051 microcontroller with 10-bit ADC
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SH79F166AP044PR Datasheet(HTML) 29 Page - List of Unclassifed Manufacturers

Back Button SH79F166AP044PR Datasheet HTML 25Page - List of Unclassifed Manufacturers SH79F166AP044PR Datasheet HTML 26Page - List of Unclassifed Manufacturers SH79F166AP044PR Datasheet HTML 27Page - List of Unclassifed Manufacturers SH79F166AP044PR Datasheet HTML 28Page - List of Unclassifed Manufacturers SH79F166AP044PR Datasheet HTML 29Page - List of Unclassifed Manufacturers SH79F166AP044PR Datasheet HTML 30Page - List of Unclassifed Manufacturers SH79F166AP044PR Datasheet HTML 31Page - List of Unclassifed Manufacturers SH79F166AP044PR Datasheet HTML 32Page - List of Unclassifed Manufacturers SH79F166AP044PR Datasheet HTML 33Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 113 page
background image
SH79F166A
29
7.5 系统时钟和振荡器
7.5.1 特性
 支持4种振荡器类型:32.768kHz晶体谐振器,晶体谐振器,陶瓷谐振器和内部12M/128K RC振荡器
 4个振荡器引脚(XTAL1,XTAL2,XTALX1,XTALX2)从4种振荡器类型中产生1种或者2种时钟
 内建12MHz RC振荡器
 内建32.768kHz加速电路
 内建系统时钟分频器
7.5.2 时钟定义
SH79F166A几个内部时钟定义如下:
OSCCLK:从4个可选振荡器类型中(从XTAL输入的32.768kHz晶体谐振器,晶体谐振器和陶瓷谐振器以及内部12M/128K
RC振荡器)选中的那个振荡器的时钟。fOSC定义为OSCCLK的频率。tOSC定义为OSCCLK的周期。
OSCXCLK:从3个可选振荡器类型中(从XTALX输入的晶体谐振器和陶瓷谐振器以及内部12M RC振荡器)选中的那个振
荡器的时钟。fOSCX定义为OSCXCLK的频率。tOSCX定义为OSCXCLK的周期。
注意:
当代码选项OP_OSC不是0011,0110,1010,1101时(32.768kHz/128K振荡器没有被选中,详见代码选项章节),OSCXCLK
不存在。
WDTCLK:内部看门狗RC振荡器时钟。fWDT定义为WDTCLK的频率。tWDT定义为WDTCLK的周期。
OSCSCLK:系统时钟频率分频器的输入时钟。这个时钟可能为OSCCLK或者OSCXCLK。fOSCS定义为OSCSCLK的频率。
tOSCS定义为OSCSCLK的周期。
SYSCLK:系统时钟,系统频率分频器的输出时钟。这个时钟为CPU指令周期的时钟。fSYS定义为SYSCLK的频率。tSYS定
义为SYSCLK的周期。
7.5.3 概述
SH79F166A支持5种振荡器类型:32.768kHz晶体谐振器,晶体谐振器/陶瓷谐振器(2MHz-12MHz)和内部RC振荡器
(12MHz,128K)。振荡器类型的选择由代码选项OP_OSC决定(详见代码选项章节)。SH79F166A有4个振荡器引脚(XTAL1,
XTAL2,XTALX1,XTALX2),可以从4种振荡器类型中产生1种或者2种时钟。这些都是由代码选项OP_OSC决定(详见代码
选项章节)。由振荡器产生的基本时钟脉冲提供系统时钟支持CPU及片上外围设备。



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com