Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH79F166AP044PR Datasheet(PDF) 43 Page - List of Unclassifed Manufacturers

Part # SH79F166AP044PR
Description  Enhanced 8051 microcontroller with 10-bit ADC
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SH79F166AP044PR Datasheet(HTML) 43 Page - List of Unclassifed Manufacturers

Back Button SH79F166AP044PR Datasheet HTML 39Page - List of Unclassifed Manufacturers SH79F166AP044PR Datasheet HTML 40Page - List of Unclassifed Manufacturers SH79F166AP044PR Datasheet HTML 41Page - List of Unclassifed Manufacturers SH79F166AP044PR Datasheet HTML 42Page - List of Unclassifed Manufacturers SH79F166AP044PR Datasheet HTML 43Page - List of Unclassifed Manufacturers SH79F166AP044PR Datasheet HTML 44Page - List of Unclassifed Manufacturers SH79F166AP044PR Datasheet HTML 45Page - List of Unclassifed Manufacturers SH79F166AP044PR Datasheet HTML 46Page - List of Unclassifed Manufacturers SH79F166AP044PR Datasheet HTML 47Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 113 page
background image
SH79F166A
43
方式3:可编程时钟输出
T2(P0.5)可以编程输出50%的占空比时钟周期。清C/T2
———
位和置T2OE位,使定时器2作为时钟发生器。TR2位启动和中止
定时器。
在这种方式中,T2输出占空比为50%的时钟:
RCAP2L]
[RCAP2H,
65536
SYS
f
2
2
1
Frequency
Out
Clock
−
×
×
=
定时器2溢出不产生中断。所以定时器2可以同时以相同频率用作波特率发生器和时钟输出。
TR2
=0
=1
The Block Diagram of Programmable Clock output (Mode 3) of Timer2
T2
T2OE
TL2
TH2
RCAP2L
RCAP2H
EXEN2
EXF2
0:Switch Off
1:Switch On
T2EX
C/ T2
C/ T2
/2
/2
System Clock
0:Switch Off
1:Switch On
Timer2 Interrupt
Request
0:Switch Off
1:Switch On
注意:
(1) TF2 和 EXF2 都能引起定时器 2 的中断请求,两者有相同的向量地址。
(2) 当事件发生时或其它任何时间都能由软件设置 TF2 和 EXF2 为 1,只有软件以及硬件复位才能使之清 0。
(3) 当 EA = 1 且 ET2 = 1 时,设置 TF2 或 EXF2 为 1 能引起定时器 2 中断。
(4) 当定时器 2 作为波特率发生器时,写入 TH2/TL2,写入 RCAPH2/RCAPL2 会影响波特率的准确性,因此也会引起通信
出错。



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com