Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH79F166AP044PR Datasheet(PDF) 98 Page - List of Unclassifed Manufacturers

Part # SH79F166AP044PR
Description  Enhanced 8051 microcontroller with 10-bit ADC
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SH79F166AP044PR Datasheet(HTML) 98 Page - List of Unclassifed Manufacturers

Back Button SH79F166AP044PR Datasheet HTML 94Page - List of Unclassifed Manufacturers SH79F166AP044PR Datasheet HTML 95Page - List of Unclassifed Manufacturers SH79F166AP044PR Datasheet HTML 96Page - List of Unclassifed Manufacturers SH79F166AP044PR Datasheet HTML 97Page - List of Unclassifed Manufacturers SH79F166AP044PR Datasheet HTML 98Page - List of Unclassifed Manufacturers SH79F166AP044PR Datasheet HTML 99Page - List of Unclassifed Manufacturers SH79F166AP044PR Datasheet HTML 100Page - List of Unclassifed Manufacturers SH79F166AP044PR Datasheet HTML 101Page - List of Unclassifed Manufacturers SH79F166AP044PR Datasheet HTML 102Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 113 page
background image
SH79F166A
98
8.12 代码选项
OP_SCM:
0:在预热期间禁止时钟单元检测功能(默认)
1:在预热期间允许时钟单元检测功能
OP_LEDCOM:
0:LED Com与SEG信号为常规模式(默认)
1:LED Com与SEG信号为反向模式
OP_WDTPD:
0:掉电模式下禁止看门狗工作(默认)
1:掉电模式下允许看门狗工作
OP_WDT:
0:禁止看门狗复位(默认)
1:允许看门狗复位
OP_LVREN:
0:禁止低电压复位功能(默认)
1:允许低电压复位功能
OP_LVRLE:
0:低电压复位设定电压为4.3V(默认)
1:低电压复位设定电压为2.1V
OP_RST:
0:P5.2作为允许引脚复位(默认)
1:P5.2作为开漏结构输出
OP_WMT:(不适用于32k晶体振荡器和内建RC)
00:最长预热时间(默认)
01:长预热时间
10:短预热时间
11:最短预热时间
OP_OSC:
0000:内部12MHz RC振荡器作为振荡器1,振荡器2关闭
0011:内部128KHz RC振荡器作为振荡器1,12MHz内部RC作为振荡器2
0110:内部128KHz RC振荡器作为振荡器1,2M-12MHz晶体/陶瓷谐振器作为振荡器2
1010:32.768kHz晶体谐振器作为振荡器1,12MHz内部RC作为振荡器2
1101:32.768kHz晶体谐振器作为振荡器1,2M-12MHz晶体/陶瓷谐振器作为振荡器2
1110:2M-12MHz晶体/陶瓷谐振器作为振荡器1,振荡器2关闭
其他:内部12MHz RC振荡器作为振荡器1,振荡器2关闭
OP_OSCDRIVE:
011:8M-12M crystal
001:4M crystal
111:12M ceramic
101:8M ceramic
110:4M ceramic
100:2M ceramic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com