Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH79F166AP044PR Datasheet(PDF) 67 Page - List of Unclassifed Manufacturers

Part # SH79F166AP044PR
Description  Enhanced 8051 microcontroller with 10-bit ADC
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SH79F166AP044PR Datasheet(HTML) 67 Page - List of Unclassifed Manufacturers

Back Button SH79F166AP044PR Datasheet HTML 63Page - List of Unclassifed Manufacturers SH79F166AP044PR Datasheet HTML 64Page - List of Unclassifed Manufacturers SH79F166AP044PR Datasheet HTML 65Page - List of Unclassifed Manufacturers SH79F166AP044PR Datasheet HTML 66Page - List of Unclassifed Manufacturers SH79F166AP044PR Datasheet HTML 67Page - List of Unclassifed Manufacturers SH79F166AP044PR Datasheet HTML 68Page - List of Unclassifed Manufacturers SH79F166AP044PR Datasheet HTML 69Page - List of Unclassifed Manufacturers SH79F166AP044PR Datasheet HTML 70Page - List of Unclassifed Manufacturers SH79F166AP044PR Datasheet HTML 71Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 113 page
background image
SH79F166A
67
8.2 LED驱动器
LED驱动器包含一个控制器,一个占空比发生器及4/8个COM输出引脚和8个Segment输出引脚。支持1/4占空比和1/8占空
比电压驱动方式。通过DISPSEL位对驱动模式进行选择。控制器由显示数据RAM存储区和一个占空比发生器组成。
LED SEG1-SEG8脚还可以当作I/O口使用。当DISPSEL位置1时,LED功能有效,LCD功能无效。P0SS和P2SS寄存器设
置无效,P1SS寄存器和P3SS寄存器分別用于控制LED_SEG1-8,LED_C1 - LED_C8和I/O端口模式的选择。
在使用LED驱动前,DISPSEL必须被置1。
当MCU进入省电模式后,若32.768kHz/128kHz作为时钟源工作则LED仍然会打开。
在上电复位、引脚复位、低电压复位或看门狗复位期间,LED被关闭。
8.2.1 寄存器
Table 8.8 LED控制寄存器
ABH,Bank0
第7位
第6位
第5位
第4位
第3位
第2位
第1位
第0位
DISPCON
DISPSEL
LCDON
-
DUTY
-
-
-
-
读/写
读/写
读/写
-
读/写
-
-
-
-
复位值
(POR/WDT/LVR/PIN)
0
0
-
0
-
-
-
-
位编号
位符号
说明
7
DISPSEL
LCD,LED选择控制位
0:选择LCD驱动器,LED驱动器无效
1:选择LED驱动器,LCD驱动器无效
6
LCDON
LED使能控制位
0:禁止LED驱动器
1:允许LED驱动器
4
DUTY
LED占空比选择位
0:1/4占空比
1:1/8占空比
注意:SH79F166A兼有LCD驱动和LED驱动,不可同时有效,若DISPSEL = 1,LCD驱动无效,若DISPSEL = 0,LED驱动
无效。
Table 8.9 LED时钟控制寄存器
ACH,Bank0
第7位
第6位
第5位
第4位
第3位
第2位
第1位
第0位
DISPCLK0
DCK0.7
DCK0.6
DCK0.5
DCK0.4
DCK0.3
DCK0.2
DCK0.1
DCK0.0
读/写
读/写
读/写
读/写
读/写
读/写
读/写
读/写
读/写
复位值
(POR/WDT/LVR/PIN)
0
0
0
0
0
0
0
0
AAH,Bank0
第7位
第6位
第5位
第4位
第3位
第2位
第1位
第0位
DISPCLK1
-
-
-
-
-
-
-
DCK1.0
读/写
-
-
-
-
-
-
-
读/写
复位值
(POR/WDT/LVR/PIN)
-
-
-
-
-
-
-
0
位编号
位符号
说明
0
7-0
DCK1.0
DCK0[7:0]
LED时钟选择位
0x000:LED时钟 = 振荡器频率
LED时钟 = 内部RC或晶体或陶瓷/DISPCLK
注意:仅当OP_OSC[3:0]取0000,1110时DISPCLK寄存器有效。



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com