Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH79F166AP044PR Datasheet(PDF) 64 Page - List of Unclassifed Manufacturers

Part # SH79F166AP044PR
Description  Enhanced 8051 microcontroller with 10-bit ADC
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SH79F166AP044PR Datasheet(HTML) 64 Page - List of Unclassifed Manufacturers

Back Button SH79F166AP044PR Datasheet HTML 60Page - List of Unclassifed Manufacturers SH79F166AP044PR Datasheet HTML 61Page - List of Unclassifed Manufacturers SH79F166AP044PR Datasheet HTML 62Page - List of Unclassifed Manufacturers SH79F166AP044PR Datasheet HTML 63Page - List of Unclassifed Manufacturers SH79F166AP044PR Datasheet HTML 64Page - List of Unclassifed Manufacturers SH79F166AP044PR Datasheet HTML 65Page - List of Unclassifed Manufacturers SH79F166AP044PR Datasheet HTML 66Page - List of Unclassifed Manufacturers SH79F166AP044PR Datasheet HTML 67Page - List of Unclassifed Manufacturers SH79F166AP044PR Datasheet HTML 68Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 113 page
background image
SH79F166A
64
Table 8.2 LCD控制寄存器1
ADH,Bank0
第7位
第6位
第5位
第4位
第3位
第2位
第1位
第0位
DISPCON1
-
-
-
RLCD
FCCTL1
FCCTL2
MOD1
MOD0
读/写
-
-
-
读/写
读/写
读/写
读/写
读/写
复位值
(POR/WDT/LVR/PIN)
-
-
-
0
0
0
0
0
位编号
位符号
说明
1-0
MOD[1:0]
驱动模式选择位
00:传统电阻型模式,偏置电阻总和为225k/900k
01:传统电阻型模式,偏置电阻总和为60k
10:快速充电模式,偏置电阻总和自动在60k和225k/900k之间切换
3-2
FCCTL[1:0]
充电时间控制位
00:1/8 LCD com周期
01:1/16 LCD com周期
10:1/32 LCD com周期
11:1/64 LCD com周期
4
RLCD
LCD偏置电阻选择控制位
0:LCD偏置电阻为225k
1:LCD偏置电阻总和为900k
Table 8.3 LCD时钟控制寄存器
ACH,Bank0
第7位
第6位
第5位
第4位
第3位
第2位
第1位
第0位
DISPCLK0
DCK0.7
DCK0.6
DCK0.5
DCK0.4
DCK0.3
DCK0.2
DCK0.1
DCK0.0
读/写
读/写
读/写
读/写
读/写
读/写
读/写
读/写
读/写
复位值
(POR/WDT/LVR/PIN)
0
0
0
0
0
0
0
0
AAH,Bank0
第7位
第6位
第5位
第4位
第3位
第2位
第1位
第0位
DISPCLK1
-
-
-
-
-
-
-
DCK1.0
读/写
-
-
-
-
-
-
-
读/写
复位值
(POR/WDT/LVR/PIN)
-
-
-
-
-
-
-
0
位编号
位符号
说明
0
7-0
DCK1.0
DCK0[7:0]
LCD时钟选择位
0x000:LCD时钟 = 振荡器频率
LCD时钟 = 内部RC或晶体或陶瓷/DISPCLK
注意:仅当OP_OSC[3:0]取0000,1110时DISPCLK寄存器有效
DISPCLK为[DISPCLK1,DISPCLK0]。
如果[DISPCLK1,DISPCLK0] = 0X000,那么LCD时钟为振荡器时钟。
LCD帧频 = LCK时钟/512
例如:当LCD为COM4
当OP_OSC[3:0]为1110时,晶振为12MHz且需得到64Hz LCD的帧,DISPCLK必须12M/512/64 = 0x16E,实际上,
LCD的帧频率为12M/366/512 = 64.04Hz。



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com