Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH79F166AP044PR Datasheet(PDF) 46 Page - List of Unclassifed Manufacturers

Part # SH79F166AP044PR
Description  Enhanced 8051 microcontroller with 10-bit ADC
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SH79F166AP044PR Datasheet(HTML) 46 Page - List of Unclassifed Manufacturers

Back Button SH79F166AP044PR Datasheet HTML 42Page - List of Unclassifed Manufacturers SH79F166AP044PR Datasheet HTML 43Page - List of Unclassifed Manufacturers SH79F166AP044PR Datasheet HTML 44Page - List of Unclassifed Manufacturers SH79F166AP044PR Datasheet HTML 45Page - List of Unclassifed Manufacturers SH79F166AP044PR Datasheet HTML 46Page - List of Unclassifed Manufacturers SH79F166AP044PR Datasheet HTML 47Page - List of Unclassifed Manufacturers SH79F166AP044PR Datasheet HTML 48Page - List of Unclassifed Manufacturers SH79F166AP044PR Datasheet HTML 49Page - List of Unclassifed Manufacturers SH79F166AP044PR Datasheet HTML 50Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 113 page
background image
SH79F166A
46
7.8.3 定时器3
定时器3是16位自动重载定时器,通过两个数据寄存器TH3和TL3访问,由T3CON寄存器控制。IEN1寄存器的ET3位置1允
许定时器3中断(详见中断章节)。
定时器3只有一个工作方式:16位自动重载计数器/定时器,可以设置预分频比,并可以工作在CPU掉电模式。
定时器3有一个16位计数器/定时器寄存器(TH3,TL3)。当TH3和TL3被写时,用作定时器重载寄存器,当被读时,被用做
计数寄存器。TR3位置1使定时器3开始递增计数。定时器在0xFFFF到0x0000溢出并置TF3位为1。溢出同时,定时器重载寄存
器的16位数据被重新载入计数寄存器中,TH3写操作也导致重载寄存器的数据重新载入计数寄存器。
TH3和TL3读写操作遵循以下顺序:
写操作:先低位后高位
读操作:先高位后低位
TF3
The Block Diagram of Timer3
TL3
TH3
Increment Mode
0:Switch Off
1:Switch On
16-bit Counter
Interrupt
Request
Overflow
Flag
TR3
System Clock
Prescaler
1,8,64,256
T3PS[1:0]
T3CLKS[1:0]
00
01
10
T3
32.768kHz
Crystal
定时器3可以工作在掉电模式。
当OP_OSC[3:0](详见代码选项章节)选为1010,1101,0011或0110,T3CLKS[1:0]可以选为00,01或10。当OP_OSC[3:0]
不为1010,1101,0011或0110时,T3CLKS[1:0]可以选为00或01,10是无效值。
如果T3CLKS[1:0]为00,定时器3不能工作在掉电模式下。如果T3CLKS[1:0]为01,T3端口输入外部时钟,定时器3可以工
作在普通模式或掉电模式(在系统为高频时进入掉电模式)。当T3CLKS[1:0]为10并且OP_OSC[3:0]为1010,1101,0011或0110,
定时器3可以工作在普通模式或掉电模式。当T3CLKS[1:0]为10并且OP_OSC[3:0]不为1010,1101,0011或0110时,定时器3
不工作。详见下表:
OP_OSC[3:0]
T3CLKS[1:0]
工作在普通模式
工作在掉电模式
1010,1101,0011或0110
00
YES
NO
01
YES
YES
10
YES
YES
不为1010,1101,0011或0110
00
YES
NO
01
YES
YES
10
NO
NO
注意:
1. 在读或写TH3和TL3时,要确保TR3 = 0。
2. 当定时器3用T3端口作为时钟源,而且TR3由0变为1时,定时器3忽略T3的第1个下降沿。



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com