Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH79F166AP044PR Datasheet(PDF) 97 Page - List of Unclassifed Manufacturers

Part # SH79F166AP044PR
Description  Enhanced 8051 microcontroller with 10-bit ADC
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SH79F166AP044PR Datasheet(HTML) 97 Page - List of Unclassifed Manufacturers

Back Button SH79F166AP044PR Datasheet HTML 93Page - List of Unclassifed Manufacturers SH79F166AP044PR Datasheet HTML 94Page - List of Unclassifed Manufacturers SH79F166AP044PR Datasheet HTML 95Page - List of Unclassifed Manufacturers SH79F166AP044PR Datasheet HTML 96Page - List of Unclassifed Manufacturers SH79F166AP044PR Datasheet HTML 97Page - List of Unclassifed Manufacturers SH79F166AP044PR Datasheet HTML 98Page - List of Unclassifed Manufacturers SH79F166AP044PR Datasheet HTML 99Page - List of Unclassifed Manufacturers SH79F166AP044PR Datasheet HTML 100Page - List of Unclassifed Manufacturers SH79F166AP044PR Datasheet HTML 101Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 113 page
background image
SH79F166A
97
8.11 预热计数器
8.11.1 特性
 内建电源预热计数器消除电源的上电的不稳定状态
 内建振荡器预热计数器消除振荡器起振时的不稳定状态
SH79F166A内建有电源上电预热计数器,主要是用来消除上电电压建立时的不稳定态,同时完成内部一些初始化序列,如
读取内部客户代码选项等。
SH79F166A内建振荡器预热计数器,它能消除振荡器在下列情况下起振时的不稳定状态:上电复位,引脚复位,从低功耗
模式中唤醒,看门狗复位和LVR复位。
上电后,SH79F166A会先经过电源上电预热计数过程,等待溢出后再进行振荡器的预热计数过程过程,溢出后开始运行程
式。
电源上电预热计数时间
上电复位/
引脚复位/低电压复位
看门狗复位
(不包含掉电模式)
看门狗复位
(唤醒掉电模式)
掉电模式下中断唤醒
电源上电
预热计数时间
振荡器上电
预热计数时间
电源上电
预热计数时间
振荡器上电
预热计数时间
电源上电
预热计数时间
振荡器上电
预热计数时间
电源上电
预热计数时间
振荡器上电
预热计数时间
11ms
有
≈1ms
无
≈1ms
有
≈800us
有
振荡器上电预热计数时间
代码选项:
OP_WMT
振荡器类型
00
01
10
11
陶振/晶振
2
17 X Tosc
2
14 X Tosc
2
11 X Tosc
2
8 X Tosc
32kHz晶振
2
13 X Tosc
内部RC
2
7 X Tosc



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com