Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH79F166AP044PR Datasheet(PDF) 61 Page - List of Unclassifed Manufacturers

Part # SH79F166AP044PR
Description  Enhanced 8051 microcontroller with 10-bit ADC
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SH79F166AP044PR Datasheet(HTML) 61 Page - List of Unclassifed Manufacturers

Back Button SH79F166AP044PR Datasheet HTML 57Page - List of Unclassifed Manufacturers SH79F166AP044PR Datasheet HTML 58Page - List of Unclassifed Manufacturers SH79F166AP044PR Datasheet HTML 59Page - List of Unclassifed Manufacturers SH79F166AP044PR Datasheet HTML 60Page - List of Unclassifed Manufacturers SH79F166AP044PR Datasheet HTML 61Page - List of Unclassifed Manufacturers SH79F166AP044PR Datasheet HTML 62Page - List of Unclassifed Manufacturers SH79F166AP044PR Datasheet HTML 63Page - List of Unclassifed Manufacturers SH79F166AP044PR Datasheet HTML 64Page - List of Unclassifed Manufacturers SH79F166AP044PR Datasheet HTML 65Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 113 page
background image
SH79F166A
61
8.
增强功能
8.1 LCD驱动器
传统电阻型/快速充电LCD模式
LCD驱动器包含一个控制器,一个占空比发生器及4/8个COM输出引脚和19个Segment输出引脚。由P0SS、P1SS、P2SS、
P3SS寄存器控制,Segment1-19和COM1-COM8脚还可以当作I/O口使用,LCD COM1-COM8脚还可以与LED共用。19字节的
LCD显示数据RAM存储区的地址为1E0H-1F2H,如果需要,它们可以作为数据存储器使用。
MCU提供传统电阻型LCD显示方式,支持对比度调节,支持1/4占空比1/3偏置电压和1/8占空比和1/4偏置电压驱动方式。在
LCD驱动前,DISPSEL(DISPCON.7)必须被清0。当DISPCON寄存器的ELCC位置1时LCD驱动电压VLCD由对比度控制位决
定,当ELCC位清0时,VLCD等于VDD。当MCU进入省电模式后,若32.768kHz振荡器/128kHzRC工作,则LCD工作。在上电复
位、引脚复位、低电压复位或看门狗复位期间,LCD被关闭。当LCD被关闭时,Common和Segment都输出低电平。
传统电阻型LCD显示模式有以下特性:
- LCD时钟源由代码选项决定;
- 若OP_OSC[3:0](见代码选项)取1010,1101,则LCD时钟源为32.768kHz,
DISPCLK寄存器设置无效,LCD帧频为
64Hz;
- 若OP_OSC[3:0](见代码选项)取0011,0110,则LCD时钟源为内部RC(128kHz),
DISPCLK寄存器设置无效,LCD
帧频为64Hz;
- 若OP_OSC[3:0]取0000,则LCD时钟源为内部RC(12MHz),LCD时钟由DISPCLK寄存器设置,LCD时钟 = 内部RC
(12MHz)/DISPCLK,LCD帧频 = LCD时钟/512;
- 若OP_OSC[3:0]取1110,则LCD时钟源为晶体振荡器或陶瓷谐振器,LCD时钟 = 晶体或陶瓷/DISPCLK;
- 由DISPCON寄存器的DUTY位选择1/4占空比1/3偏置或1/8占空比1/4偏置驱动方式;
- LCD帧频 = LCD时钟/512;
- 由DISPCON寄存器的VOL[3:0]位控制16级对比度调节;
- 1/3偏置可选LCD偏置电阻(RLCD)偏20K/75K/300K,1/4偏置为15K/56K/225K,偏置电阻总和为60K/225K/900K。
由DISPCON1寄存器的MOD[1:0]位控制,可选择为传统电阻型LCD,也可选择为另一种即快速充电模式(Fast Charge
Mode)以降低功耗。
选择20k偏置电阻可以得到较好的显示效果,但电流相对会大一些,不适合低功耗的应用。若选择75/300k偏置电阻,虽然
可以达到较低的功耗,但LCD显示效果会变得差一些。
因此,SH79F166A提供了兼顾低功耗和显示效果的显示模式: 快速充电模式。设置MOD[1:0] = 10可以选择此种显示方式,
在显示数据刷新时刻选择20k偏置电阻,提供较大的驱动电流,在数据保持期间选择75k/300k偏置电阻,提供较小的驱动电流。
由DISPCON1寄存器的FCCTL[1:0]位选择充电时间为LCD com周期的1/8、1/16 、1/32或1/64。



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com