Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISM303DAC Datasheet(PDF) 51 Page - STMicroelectronics

Part # ISM303DAC
Description  High-performance, low-power, compact 3D accelerometer and 3D magnetometer module
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ISM303DAC Datasheet(HTML) 51 Page - STMicroelectronics

Back Button ISM303DAC Datasheet HTML 47Page - STMicroelectronics ISM303DAC Datasheet HTML 48Page - STMicroelectronics ISM303DAC Datasheet HTML 49Page - STMicroelectronics ISM303DAC Datasheet HTML 50Page - STMicroelectronics ISM303DAC Datasheet HTML 51Page - STMicroelectronics ISM303DAC Datasheet HTML 52Page - STMicroelectronics ISM303DAC Datasheet HTML 53Page - STMicroelectronics ISM303DAC Datasheet HTML 54Page - STMicroelectronics ISM303DAC Datasheet HTML 55Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 80 page
background image
DocID030988 Rev 2
51/80
ISM303DAC
Register mapping
80
7
Register mapping
The table given below provides a list of the 8-bit registers embedded in the device and the
corresponding addresses. Registers 00h through 3Fh are dedicated to the accelerometer
while registers 40h through 6Fh are dedicated to the magnetometer.
Table 28. Register map
Name
Type(1)
Register address
Default
Comment
Hex
Binary
RESERVED
-
00-0B
-
RESERVED
Module_8bit_A
R
0C
00001100
output
RESERVED
-
0D-0E
-
RESERVED
WHO_AM_I_A
R
0F
00001111
01000011
Who I am ID
RESERVED
-
10-1F
-
RESERVED
CTRL1_A
R/W
20
00100000
00000000
Control registers
CTRL2_A
R/W
21
00100001
00000100
CTRL3_A
R/W
22
00100010
00000000
CTRL4_A
R/W
23
00100011
00000000
CTRL5_A
R/W
24
00100100
00000000
FIFO_CTRL_A
R/W
25
00100101
00000000
FIFO control reg
OUT_T_A
R
26
00100110
output
Temp sensor output
STATUS_A
R
27
00100111
output
Status data register
OUT_X_L_A
R
28
00101000
output
Output registers
OUT_X_H_A
R
29
00101001
OUT_Y_L_A
R
2A
00101010
OUT_Y_H_A
R
2B
00101011
OUT_Z_L_A
R
2C
00101100
OUT_Z_H_A
R
2D
00101101
FIFO_THS_A
R/W
2E
00101110
00000000
FIFO registers
FIFO_SRC_A
R
2F
00101111
output
FIFO SRC
FIFO_SAMPLES_A
R/W
30
00110000
00000000
Unread samples
stored in FIFO
TAP_6D_THS_A
R/W
31
00110001
00000000
TAP, 4D, 6D
threshold
INT_DUR_A
R/W
32
00110010
00000000
Interrupt duration
WAKE_UP_THS_A
R/W
33
00110011
00000000
TAP/D-TAP
selection, Inactivity
EN,
Wakeup threshold



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com