Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISM303DAC Datasheet(PDF) 52 Page - STMicroelectronics

Part # ISM303DAC
Description  High-performance, low-power, compact 3D accelerometer and 3D magnetometer module
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ISM303DAC Datasheet(HTML) 52 Page - STMicroelectronics

Back Button ISM303DAC Datasheet HTML 48Page - STMicroelectronics ISM303DAC Datasheet HTML 49Page - STMicroelectronics ISM303DAC Datasheet HTML 50Page - STMicroelectronics ISM303DAC Datasheet HTML 51Page - STMicroelectronics ISM303DAC Datasheet HTML 52Page - STMicroelectronics ISM303DAC Datasheet HTML 53Page - STMicroelectronics ISM303DAC Datasheet HTML 54Page - STMicroelectronics ISM303DAC Datasheet HTML 55Page - STMicroelectronics ISM303DAC Datasheet HTML 56Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 80 page
background image
Register mapping
ISM303DAC
52/80
DocID030988 Rev 2
WAKE_UP_DUR_A
R/W
34
00110100
00000000
Wakeup duration
FREE_FALL_A
R/W
35
00110101
00000000
Free-fall config.
STATUS_DUP_A
R
36
00110110
output
Status register
WAKE_UP_SRC_A
R
37
00110111
output
Wakeup SRC
TAP_SRC_A
R
38
00111000
output
TAP SRC
6D_SRC_A
R
39
00111001
output
6D SRC
RESERVED
3A-3E
FUNC_CTRL_A
R/W
3F
00000100
00000000
FUNCTION CTRL
RESERVED
40-44
OFFSET_X_REG_L_M
R/W
45
01000101
00000000
Magnetometer
hard-iron registers
OFFSET_X_REG_H_M
R/W
46
01000110
00000000
OFFSET_Y_REG_L_M
R/W
47
01000111
00000000
OFFSET_Y_REG_H_M
R/W
48
01001000
00000000
OFFSET_Z_REG_L_M
R/W
49
01001001
00000000
OFFSET_Z_REG_H_M
R/W
4A
01001010
00000000
RESERVED
4B-4C
WHO_AM_I_M
R
4F
01001111
01000000
Who I am ID
RESERVED
50-5F
CFG_REG_A_M
R/W
60
01100000
00000011
Magnetometer
configuration
registers
CFG_REG_B_M
R/W
61
01100001
00000000
CFG_REG_C_M
R/W
62
01100010
00000000
INT_CRTL_REG_M
R/W
63
01100011
11100000
Magnetometer
interrupt
configuration
registers
INT_SOURCE_REG_M
R
64
01100100
INT_THS_L_REG_M
R/W
65
01100101
00000000
INT_THS_H_REG_M
R/W
66
01100110
00000000
STATUS_REG_M
R
67
01100111
OUTX_L_REG_M
R
68
01101000
output
Magnetometer
output registers
OUTX_H_REG_M
R
69
01101001
output
OUTY_L_REG_M
R
6A
01101010
output
OUTY_H_REG_M
R
6B
01101010
output
OUTZ_L_REG_M
R
6C
01101100
output
OUTZ_H_REG_M
R
6D
01101101
output
RESERVED
6E-6F
1. R = read-only register, RW = readable/writable register
Table 28. Register map (continued)
Name
Type(1)
Register address
Default
Comment
Hex
Binary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com