Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISM303DAC Datasheet(PDF) 55 Page - STMicroelectronics

Part # ISM303DAC
Description  High-performance, low-power, compact 3D accelerometer and 3D magnetometer module
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ISM303DAC Datasheet(HTML) 55 Page - STMicroelectronics

Back Button ISM303DAC Datasheet HTML 51Page - STMicroelectronics ISM303DAC Datasheet HTML 52Page - STMicroelectronics ISM303DAC Datasheet HTML 53Page - STMicroelectronics ISM303DAC Datasheet HTML 54Page - STMicroelectronics ISM303DAC Datasheet HTML 55Page - STMicroelectronics ISM303DAC Datasheet HTML 56Page - STMicroelectronics ISM303DAC Datasheet HTML 57Page - STMicroelectronics ISM303DAC Datasheet HTML 58Page - STMicroelectronics ISM303DAC Datasheet HTML 59Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 80 page
background image
DocID030988 Rev 2
55/80
ISM303DAC
Register description
80
Table 35. ODR register setting: high resolution (HR) and high frequencies (HF)
The BDU bit is used to inhibit the update of the output registers until both upper and lower
register parts are read. In default mode (BDU = ‘0’) the output register values are updated
continuously. When the BDU is activated (BDU = ‘1’), the content of the output registers is
not updated until both MSB and LSB are read which avoids reading values related to
different sample times.
1011
-
50
10
LP
1100
-
100
10
LP
1101
-
200
10
LP
1110
-
400
10
LP
1111
-
800
10
LP
ODR[3:0]
HF_ODR
ODR selection [Hz]
Bit resolution
Mode
0001
-
12.5
14
HR
0010
-
25
14
HR
0011
-
50
14
HR
0100
-
100
14
HR
0101
0
200
14
HR
0110
0
400
14
HR
0111
0
800
14
HR
0101
1
1600
12
HF
0110
1
3200
12
HF
0111
1
6400
12
HF
Table 34. ODR register setting: power down (PD) and low power (LP) (continued)
ODR[3:0]
HF_ODR
ODR selection [Hz]
Bit resolution
Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com