Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISM303DAC Datasheet(PDF) 63 Page - STMicroelectronics

Part # ISM303DAC
Description  High-performance, low-power, compact 3D accelerometer and 3D magnetometer module
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ISM303DAC Datasheet(HTML) 63 Page - STMicroelectronics

Back Button ISM303DAC Datasheet HTML 59Page - STMicroelectronics ISM303DAC Datasheet HTML 60Page - STMicroelectronics ISM303DAC Datasheet HTML 61Page - STMicroelectronics ISM303DAC Datasheet HTML 62Page - STMicroelectronics ISM303DAC Datasheet HTML 63Page - STMicroelectronics ISM303DAC Datasheet HTML 64Page - STMicroelectronics ISM303DAC Datasheet HTML 65Page - STMicroelectronics ISM303DAC Datasheet HTML 66Page - STMicroelectronics ISM303DAC Datasheet HTML 67Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 80 page
background image
DocID030988 Rev 2
63/80
ISM303DAC
Register description
80
Table 60. FIFO_SRC register description
8.19
FIFO_SAMPLES_A (30h)
FIFO_SAMPLES control register (r)
Table 61. FIFO_SAMPLES_A register
Table 62. FIFO_SAMPLES_A register description
8.20
TAP_6D_THS_A (31h)
4D configuration enable and TAP threshold configuration (r/w)
Table 63. TAP_6D_THS_A register
Table 64. TAP_6D_THS_A register description
Table 65. 4D/6D threshold setting FS @ 2 g
FTH
FIFO threshold status.
(0: FIFO filling is lower than FTH level; 1: FIFO filling is equal to or higher than
threshold level)
OVR
FIFO overrun status. (0: FIFO is not completely filled; 1: FIFO is completely filled
and at least one sample has been overwritten)
DIFF8
Concatenated with FIFO_SAMPLES_A (30h) register, it represents the number of
unread samples stored in FIFO. (000000000 = FIFO empty; 100000000 = FIFO
full, 256 unread samples).
DIFF7
DIFF6
DIFF5
DIFF4
DIFF3
DIFF2
DIFF1
DIFF0
DIFF [7:0]
Concatenated with DIFF8 bit in FIFO_SRC_A (2Fh) register, it represents the
number of unread samples stored in FIFO. (000000000 = FIFO empty;
100000000 = FIFO full, 256 unread samples).
4D_EN
6D_THS1
6D_THS0
TAP_
THS4
TAP_
THS3
TAP_
THS2
TAP_
THS1
TAP_
THS0
4D_EN
4D detection portrait/landscape position enable.
(0: no position detected;
1: portrait/landscape detection and face-up/face-down position enabled).
6D_THS [1:0]
Thresholds for 4D/6D function @ FS=2 g (refer to Table 65)
TAP_THS [4:0]
Threshold for TAP recognition @ FS=2 g
6D_THS1
6D_THS0
Threshold decoding (degrees)
0
0
6 (80 degrees)
0
1
11 (70 degrees)
1
0
16 (60 degrees)
1
1
21 (50 degrees)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com