Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISM303DAC Datasheet(PDF) 40 Page - STMicroelectronics

Part # ISM303DAC
Description  High-performance, low-power, compact 3D accelerometer and 3D magnetometer module
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ISM303DAC Datasheet(HTML) 40 Page - STMicroelectronics

Back Button ISM303DAC Datasheet HTML 36Page - STMicroelectronics ISM303DAC Datasheet HTML 37Page - STMicroelectronics ISM303DAC Datasheet HTML 38Page - STMicroelectronics ISM303DAC Datasheet HTML 39Page - STMicroelectronics ISM303DAC Datasheet HTML 40Page - STMicroelectronics ISM303DAC Datasheet HTML 41Page - STMicroelectronics ISM303DAC Datasheet HTML 42Page - STMicroelectronics ISM303DAC Datasheet HTML 43Page - STMicroelectronics ISM303DAC Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 80 page
background image
Functionality
ISM303DAC
40/80
DocID030988 Rev 2
4.4.6
Module-to-FIFO
When the MODULE_TO_FIFO bit in the FIFO_CTRL_A (25h) register is set to '1', the 14-bit
magnitude of the vector of the current axes is sent as FIFO input instead of axes data. X-, Y-
and Z-axis data are replaced with 3 times the adjacent data generated by the module
routine, as shown in Figure 14, so a row of FIFO is written every 3 axes data ready.
The module routine must be previously enabled by writing to the FUNC_CTRL_A (3Fh)
register.
The module data in FIFO can be read as output data in the registers 28h-2Dh.
The ISM303DAC calculates the vector sum of the acceleration of the X-, Y-, Z-axis using the
following formula:
module (14-bit) = Sqrt(x2+y2+z2)
The implementation is based on an approximation of this formula (error below noise level).
As shown in Figure 14, when module-to-FIFO is enabled, each row of FIFO contains 3
values of the module, related to 3 consecutive ODR.
Figure 14. Module-to-FIFO mode example
4.5
Factory calibration
The IC interface is factory calibrated for sensitivity (LA_So, M_GN), Zero-g level (LA_TyOff)
and Zero-gauss level (M_TyOff).
The trim values are stored inside the device in nonvolatile memory. Anytime the device is
turned on, the trim parameters are downloaded into the registers to be used during active
operation. This allows using the device without further calibration.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com