Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISM303DAC Datasheet(PDF) 27 Page - STMicroelectronics

Part # ISM303DAC
Description  High-performance, low-power, compact 3D accelerometer and 3D magnetometer module
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ISM303DAC Datasheet(HTML) 27 Page - STMicroelectronics

Back Button ISM303DAC Datasheet HTML 23Page - STMicroelectronics ISM303DAC Datasheet HTML 24Page - STMicroelectronics ISM303DAC Datasheet HTML 25Page - STMicroelectronics ISM303DAC Datasheet HTML 26Page - STMicroelectronics ISM303DAC Datasheet HTML 27Page - STMicroelectronics ISM303DAC Datasheet HTML 28Page - STMicroelectronics ISM303DAC Datasheet HTML 29Page - STMicroelectronics ISM303DAC Datasheet HTML 30Page - STMicroelectronics ISM303DAC Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 80 page
background image
DocID030988 Rev 2
27/80
ISM303DAC
Functionality
80
4.1.4
Magnetometer hard-iron compensation
Hard-iron distortion occurs when a magnetic object is placed near the magnetometer and
appears as a permanent bias in the sensor’s outputs.
The hard-iron correction consists of compensating magnetic data from hard-iron distortion.
The operation is defined as follows:
Hout = Hread – HHI
where:
Hread is the generic uncompensated magnetic field data, as read by the sensor;
HHI is the hard-iron distortion field;
Hout is the compensated magnetic data.
The computation of the hard-iron distortion field should be performed by an external
processor. After the computation of the hard iron-distortion field has been performed, the
measured magnetic data can be compensated.
The ISM303DAC offers the possibility of storing hard-iron data inside six dedicated registers
from 45h to 4Ah.
Each register contains eight bits so that the hard-iron data can be expressed as a 16-bit
two’s complement number. The OFFSET_axis_REG_H registers contain the MSBs of the
hard-iron data, while the OFFSET_axis_REG_L registers contain the LSBs.
Hard-iron data have the same format and weight of the magnetic output data. The hard-iron
values stored in dedicated registers are automatically subtracted from the output data.
4.1.5
Magnetometer self-test
The self-test function is available for the magnetic sensor. When the magnetic self-test is
enabled, a current is forced into a coil inside the device. This current will generate a
magnetic field that will produce a variation of the magnetometer output signals. If the output
signals change within the amplitude limits specified in Table 3 then the sensor is working
properly and the parameters of the interface chip are within the defined specifications.
When the magnetometer self-test is activated, the sensor output level is given by the
algebraic sum of the signals produced by the magnetic field acting on the sensor and by the
forced current.
The self-test procedure is described in the following figure.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com