Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISM303DAC Datasheet(PDF) 37 Page - STMicroelectronics

Part # ISM303DAC
Description  High-performance, low-power, compact 3D accelerometer and 3D magnetometer module
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ISM303DAC Datasheet(HTML) 37 Page - STMicroelectronics

Back Button ISM303DAC Datasheet HTML 33Page - STMicroelectronics ISM303DAC Datasheet HTML 34Page - STMicroelectronics ISM303DAC Datasheet HTML 35Page - STMicroelectronics ISM303DAC Datasheet HTML 36Page - STMicroelectronics ISM303DAC Datasheet HTML 37Page - STMicroelectronics ISM303DAC Datasheet HTML 38Page - STMicroelectronics ISM303DAC Datasheet HTML 39Page - STMicroelectronics ISM303DAC Datasheet HTML 40Page - STMicroelectronics ISM303DAC Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 80 page
background image
DocID030988 Rev 2
37/80
ISM303DAC
Functionality
80
4.4.2
FIFO mode
In FIFO mode (FIFO_CTRL_A (25h) (FMODE [2:0])= 001) data from the X, Y and Z
channels are stored in the FIFO until it is full, when 256 unread samples are stored in
memory, data collecting is stopped.
To reset the FIFO content, Bypass mode should be written in the FIFO_CTRL_A (25h)
register, setting the FMODE [2:0] bits to '000'. After this reset command, it is possible to
restart FIFO mode, writing the value '001' in FIFO_CTRL_A (25h) (FMODE [2:0]).
The FIFO buffer can memorize 256 slots of X, Y and Z data.
4.4.3
Continuous mode
Continuous mode (FIFO_CTRL_A (25h) (FMODE[2:0] = 110) provides a continuous FIFO
update: when 256 unread samples are stored in memory, as new data arrives the oldest
data is discarded and overwritten by the newer.
A FIFO threshold flag FIFO_CTRL_A (25h) (FIFO_FTH) is asserted when the number of
unread samples in FIFO is greater than or equal to FIFO_THS_A (2Eh) (FTH[7:0]).
It is possible to route FIFO_CTRL_A (25h)(FTH) to the INT1 pin by writing the INT1_FTH bit
to '1' in register CTRL4_A (23h) or to the INT2 pin by writing the INT2_FTH bit to '1' in
register CTRL5_A (24h).
If an overrun occurs, the oldest sample in FIFO is overwritten and the FIFO_OVR flag in
FIFO_SRC_A (2Fh) is asserted.
In order to empty the FIFO before it is full, it is also possible to pull from FIFO the number of
unread samples available in FIFO_SRC_A (2Fh) and FIFO_SAMPLES_A (30h) (Diff[8:0]).
4.4.4
Continuous-to-FIFO mode
In Continuous-to-FIFO mode FIFO_CTRL_A (25h) (FMODE [2:0] = 011), FIFO operates in
Continuous mode and FIFO mode starts upon an internal trigger event. When the FIFO is
full, data collecting is stopped.
Figure 10. Continuous-to-FIFO mode
x0
y
z0
y0
x1
y1
z1
x2
y2
z2
x31
y31
z31
xi,yi,zi
Continuous Mode
FIFO Mode
Trigger event
x0
y0
z0
x1
y1
z1
x2
y2
z2
x31
y31
z31
xi,yi,zi
x30
y30
z30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com