Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISM303DAC Datasheet(PDF) 32 Page - STMicroelectronics

Part # ISM303DAC
Description  High-performance, low-power, compact 3D accelerometer and 3D magnetometer module
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ISM303DAC Datasheet(HTML) 32 Page - STMicroelectronics

Back Button ISM303DAC Datasheet HTML 28Page - STMicroelectronics ISM303DAC Datasheet HTML 29Page - STMicroelectronics ISM303DAC Datasheet HTML 30Page - STMicroelectronics ISM303DAC Datasheet HTML 31Page - STMicroelectronics ISM303DAC Datasheet HTML 32Page - STMicroelectronics ISM303DAC Datasheet HTML 33Page - STMicroelectronics ISM303DAC Datasheet HTML 34Page - STMicroelectronics ISM303DAC Datasheet HTML 35Page - STMicroelectronics ISM303DAC Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 80 page
background image
Functionality
ISM303DAC
32/80
DocID030988 Rev 2
The selection of the signal (LPF or HPF) which is sent to the OUT registers is determined by
the FDS_SLOPE bit of CTRL2_A (21h) register. When it is logic ‘1’, the HPF signal is
selected, LPF otherwise.
The signal that is sent to the digital functions (wakeup, double-tap, activity/inactivity and 6D
orientation) is always the HPF signal. Anti-aliasing filtering is guaranteed by the ADC
sampling frequency and the digital LPF cutoff frequency. Anti-aliasing filtering is available in
HR/HF mode only. When the accelerometer is in LP mode, the circuitry is periodically turned
on/off (reducing power consumption) with a fixed on-time and a period that is a function of
the selected ODR. For this reason the LPF cutoff is fixed to 3.2 kHz, so the user must take
care to select the proper ODR value Vs application sampling frequency in order to avoid
aliasing (based on the noise characteristics of the system in use).
Accelerometer slope filter
As shown in Figure 8, the ISM303DAC device embeds a digital slope filter which is used for
wakeup and single/double-tap features. The slope filter output data is computed using the
following formula:
slope(tn) = [ acc(tn) - acc(tn-1) ] / 2
An example of a slope data signal is illustrated in Figure 8.
Figure 8. Accelerometer slope filter
Slope filter bandwidth is ~ ODR/4 and its data is available in the output registers and FIFO
by setting the FDS_SLOPE bit of CTRL2_A (21h) to '1'.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com