Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISM303DAC Datasheet(PDF) 71 Page - STMicroelectronics

Part # ISM303DAC
Description  High-performance, low-power, compact 3D accelerometer and 3D magnetometer module
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ISM303DAC Datasheet(HTML) 71 Page - STMicroelectronics

Back Button ISM303DAC Datasheet HTML 67Page - STMicroelectronics ISM303DAC Datasheet HTML 68Page - STMicroelectronics ISM303DAC Datasheet HTML 69Page - STMicroelectronics ISM303DAC Datasheet HTML 70Page - STMicroelectronics ISM303DAC Datasheet HTML 71Page - STMicroelectronics ISM303DAC Datasheet HTML 72Page - STMicroelectronics ISM303DAC Datasheet HTML 73Page - STMicroelectronics ISM303DAC Datasheet HTML 74Page - STMicroelectronics ISM303DAC Datasheet HTML 75Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 80 page
background image
DocID030988 Rev 2
71/80
ISM303DAC
Register description
80
8.36
CFG_REG_B_M (61h)
Table 91. CFG_REG_B_M register
Table 92. CFG_REG_B_M register description
00
0
OFF_
CANC_
ONE_
SHOT
INT_on_
DataOFF
Set_FREQ
OFF_CANC
LPF
OFF_CANC_
ONE_SHOT
Enables offset cancellation in single measurement mode. The OFF_CANC bit
must be set to 1 when enabling offset cancellation in single measurement mode.
0: offset cancellation in single measurement mode disabled;
1: offset cancellation in single measurement mode enabled.
INT_on_
DataOFF
If ‘1’, the interrupt block recognition checks data after the hard-iron correction to
discover the interrupt.
Set_FREQ
Selects the frequency of the set pulse.
0: set pulse is released every 63 ODR;
1: set pulse is released only at power-on after PD condition.
OFF_CANC
Enables offset cancellation.
LPF
Low-pass filter enable (see Table 93)
0: digital filter disabled; 1: digital filter enabled
Table 93. Digital low-pass filter
CFG_REG_B[LPF]
BW [Hz]
0 (disable)
ODR/2
1 (enable)
ODR/4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com