Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISM303DAC Datasheet(PDF) 59 Page - STMicroelectronics

Part # ISM303DAC
Description  High-performance, low-power, compact 3D accelerometer and 3D magnetometer module
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ISM303DAC Datasheet(HTML) 59 Page - STMicroelectronics

Back Button ISM303DAC Datasheet HTML 55Page - STMicroelectronics ISM303DAC Datasheet HTML 56Page - STMicroelectronics ISM303DAC Datasheet HTML 57Page - STMicroelectronics ISM303DAC Datasheet HTML 58Page - STMicroelectronics ISM303DAC Datasheet HTML 59Page - STMicroelectronics ISM303DAC Datasheet HTML 60Page - STMicroelectronics ISM303DAC Datasheet HTML 61Page - STMicroelectronics ISM303DAC Datasheet HTML 62Page - STMicroelectronics ISM303DAC Datasheet HTML 63Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 80 page
background image
DocID030988 Rev 2
59/80
ISM303DAC
Register description
80
8.8
FIFO_CTRL_A (25h)
FIFO control register 5 (r/w).
Table 45. FIFO_CTRL_A register
When the FIFO has been enabled, data acquired has been stored at the accelerometer
ODR and the trigger signal of FIFO writing is the accelerometer internal data-ready.
FIFO data can be stored in default configuration where inertial data as been stored as X, Y,
Z data or in module configuration:
Default configuration: 256-level inertial data (14-bit stored data for X, Y, Z)
User-selectable: 768 module data (14-bit each module)
FMODE2
FMODE1
FMODE0
0(1)
1. This bit must be set to '0' for correct device operation.
MODULE_
TO_FIFO
0(1)
0(1)
IF_CS_PU
_ DIS
Table 46. FIFO_CTRL_A register description
FMODE [2:0]
FIFO mode selection bits. Default: 000. For further details refer to Table 47.
MODULE_TO_
FIFO
When set to '1'-logic, module routine result is send to FIFO instead of X,Y,Z
acceleration data
IF_CS_PU_DIS
When '1'-logic disconnects pull-up in if_cs pad. Default: 0
Table 47. FIFO mode selection
FMODE2
FMODE1
FMODE0
Mode
0
0
0
Bypass mode: FIFO turned off
0
0
1
FIFO mode: Stops collecting data when FIFO is full.
0
1
0
Reserved
0
1
1
Continuous-to-FIFO: Stream mode until trigger is
deasserted, then FIFO mode
1
0
0
Bypass-to-Continuous: Bypass mode until trigger is
deasserted, then FIFO mode
1
0
1
Reserved
1
1
0
Continuous mode: data If the FIFO is full, the new sample
overwrites the older sample.
1
1
1
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com