Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISM303DAC Datasheet(PDF) 65 Page - STMicroelectronics

Part # ISM303DAC
Description  High-performance, low-power, compact 3D accelerometer and 3D magnetometer module
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ISM303DAC Datasheet(HTML) 65 Page - STMicroelectronics

Back Button ISM303DAC Datasheet HTML 61Page - STMicroelectronics ISM303DAC Datasheet HTML 62Page - STMicroelectronics ISM303DAC Datasheet HTML 63Page - STMicroelectronics ISM303DAC Datasheet HTML 64Page - STMicroelectronics ISM303DAC Datasheet HTML 65Page - STMicroelectronics ISM303DAC Datasheet HTML 66Page - STMicroelectronics ISM303DAC Datasheet HTML 67Page - STMicroelectronics ISM303DAC Datasheet HTML 68Page - STMicroelectronics ISM303DAC Datasheet HTML 69Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 80 page
background image
DocID030988 Rev 2
65/80
ISM303DAC
Register description
80
8.23
WAKE_UP_DUR_A (34h)
Wakeup and sleep duration configuration register (r/w)
Table 70. WAKE_UP_DUR_A register
Table 71. WAKE_UP_DUR_A register description
8.24
FREE_FALL_A (35h)
Free-fall duration and threshold configuration register (r/w)
Table 72. FREE_FALL_A register
Table 73. FREE_FALL_A register description
Table 74. FREE_FALL_A threshold decoding @ 2 g FS
FF_DUR5 WU_DUR1 WU_DUR0
INT1_
FSS7
SLEEP_
DUR3
SLEEP_
DUR2
SLEEP_
DUR1
SLEEP_
DUR0
FF DUR5
Free-fall duration. In conjunction with FF_DUR [4:0] bit in FREE_FALL_A
(35h) register. 1 LSB = 1 TODR
WU_DUR [1:0]
Wakeup duration. 1 LSB = 1 TODR
INT1_FSS7
FF interrupt is routed on INT1 pad
(0: disabled; 1: enabled)
SLEEP_DUR[5:0]
Duration to go in sleep mode. 1 LSB = 512 TODR
FF_DUR4 FF_DUR3 FF_DUR2 FF_DUR1 FF_DUR0
FF_THS2
FF_THS1
FF_THS0
FF_DUR [4:0]
Free-fall duration. In conjunction with FF_DUR5 bit in WAKE_UP_DUR_A (34h)
register. 1 LSB = 1 TODR.
FF_THS [2:0]
Free-fall threshold @ FS = 2 g (refer to Table 74)
FF_THS1
FF_THS1
FF_THS0
Threshold decoding (degrees)
000
5
001
7
010
8
011
10
100
11
101
13
110
15
111
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com