Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISM303DAC Datasheet(PDF) 26 Page - STMicroelectronics

Part # ISM303DAC
Description  High-performance, low-power, compact 3D accelerometer and 3D magnetometer module
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ISM303DAC Datasheet(HTML) 26 Page - STMicroelectronics

Back Button ISM303DAC Datasheet HTML 22Page - STMicroelectronics ISM303DAC Datasheet HTML 23Page - STMicroelectronics ISM303DAC Datasheet HTML 24Page - STMicroelectronics ISM303DAC Datasheet HTML 25Page - STMicroelectronics ISM303DAC Datasheet HTML 26Page - STMicroelectronics ISM303DAC Datasheet HTML 27Page - STMicroelectronics ISM303DAC Datasheet HTML 28Page - STMicroelectronics ISM303DAC Datasheet HTML 29Page - STMicroelectronics ISM303DAC Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 80 page
background image
Functionality
ISM303DAC
26/80
DocID030988 Rev 2
If INT_on_DataOFF is set to '0' the typical approach is selected, otherwise if it is set to '1'
the advanced approach is selected.
Two different interrupts are available:
Pulsed interrupt signal: it goes high when the magnetic data exceed one of the two
thresholds and goes low when the magnetic data are between the two thresholds. This
kind of interrupt is selected by setting the IEL bit in INT_CTRL_REG_M (63h) to '0'.
Latched interrupt signal: it goes high when the data exceed one of the two thresholds
but is reset only once the source register is read and not when the magnetic data
returns between the two thresholds. This kind of interrupt is selected by setting the IEL
bit in INT_CTRL_REG_M (63h) to '1'.
The interrupt signal polarity can be set using the IEA bit in INT_CTRL_REG_M (63h).
If IEA is set to '1' then the interrupt signal is active high, while if it is set to '0' the interrupt
signal is active low.
In order to drive the interrupt signal from the DRDY pad, the INT_MAG_PIN bit in
CFG_REG_C_M (62h) must be set to '1'.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com