Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISM303DAC Datasheet(PDF) 41 Page - STMicroelectronics

Part # ISM303DAC
Description  High-performance, low-power, compact 3D accelerometer and 3D magnetometer module
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ISM303DAC Datasheet(HTML) 41 Page - STMicroelectronics

Back Button ISM303DAC Datasheet HTML 37Page - STMicroelectronics ISM303DAC Datasheet HTML 38Page - STMicroelectronics ISM303DAC Datasheet HTML 39Page - STMicroelectronics ISM303DAC Datasheet HTML 40Page - STMicroelectronics ISM303DAC Datasheet HTML 41Page - STMicroelectronics ISM303DAC Datasheet HTML 42Page - STMicroelectronics ISM303DAC Datasheet HTML 43Page - STMicroelectronics ISM303DAC Datasheet HTML 44Page - STMicroelectronics ISM303DAC Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 80 page
background image
DocID030988 Rev 2
41/80
ISM303DAC
Application hints
80
5
Application hints
Figure 15. ISM303DAC electrical connections
The device core is supplied through the Vdd line while the I/O pads are supplied through the
Vdd_IO line. Power supply decoupling capacitors (100 nF ceramic, 10 μF aluminum) should
be placed as near as possible to pin 9 of the device (common design practice).
It is possible to remove Vdd, maintaining Vdd_IO, without blocking the communication bus,
in this condition the measurement chain is powered off.
The following recommendations apply to capacitor C1:
It must be connected as close as possible to pins 5 and 6 since very high current
pulses flow from C1 to pin 5 and 6. This avoid problems caused by inductive effects
due to the length of the copper strips.
It is highly recommended to use low ESR (max 200 mOhm)
The functionality of the device and the measured acceleration data are selectable and
accessible through the I2C or SPI interfaces. When using the I2C, CS must be tied high (i.e.
connected to Vdd_IO).
The functions, the threshold and the timing of the three interrupt pins (INT1_XL, INT2_XL,
and INT_MAG/DRDY) can be completely programmed by the user through the I2C/SPI
interface.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com