Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISM303DAC Datasheet(PDF) 25 Page - STMicroelectronics

Part # ISM303DAC
Description  High-performance, low-power, compact 3D accelerometer and 3D magnetometer module
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ISM303DAC Datasheet(HTML) 25 Page - STMicroelectronics

Back Button ISM303DAC Datasheet HTML 21Page - STMicroelectronics ISM303DAC Datasheet HTML 22Page - STMicroelectronics ISM303DAC Datasheet HTML 23Page - STMicroelectronics ISM303DAC Datasheet HTML 24Page - STMicroelectronics ISM303DAC Datasheet HTML 25Page - STMicroelectronics ISM303DAC Datasheet HTML 26Page - STMicroelectronics ISM303DAC Datasheet HTML 27Page - STMicroelectronics ISM303DAC Datasheet HTML 28Page - STMicroelectronics ISM303DAC Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 80 page
background image
DocID030988 Rev 2
25/80
ISM303DAC
Functionality
80
4.1.3
Magnetometer interrupt
In LSM303AH magnetometer interrupt signal generation is based on the comparison
between data and a programmable threshold.
To enable the interrupt function, in INT_CTRL_REG_M register (63h) the "IEN" bit must be
set to '1'.
In the LSM303AH the user can select the axis/axes in which the interrupt function can be
enabled. In order to do this, the XIEN, YIEN, and ZIEN bits in INT_CTRL_REG_M (63h)
need be set properly.
The threshold value can be programmed by setting the INT_THS_L_REG_M (65h) and
INT_THS_H_REG_M (66h) registers.
The threshold is expressed in absolute value as a 15-bit unsigned number. The threshold
has the same sensitivity as the magnetic data.
When magnetic data exceeds the positive or the negative threshold, the interrupt signal is
generated and the information about the type of interrupt is stored in the
INT_SOURCE_REG_M (64h) register. In particular, when magnetic data exceeds the
positive threshold the P_TH_S_axis bit is set to '1', while if data exceeds the negative
threshold the N_TH_S_axis bit is set to '1'. If magnetic data lay between the positive and the
negative thresholds, no interrupt signal is released.
Figure 5. Interrupt function
Two different approaches for the interrupt function are available:
Typical: comparison is between magnetic data read by the sensor and the
programmable threshold;
Advanced: comparison is made between magnetic data after hard-iron correction and
the programmable threshold.
These approaches are configurable by setting the INT_on_DataOFF bit in CFG_REG_B_M
(61h).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com