Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISM303DAC Datasheet(PDF) 73 Page - STMicroelectronics

Part # ISM303DAC
Description  High-performance, low-power, compact 3D accelerometer and 3D magnetometer module
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ISM303DAC Datasheet(HTML) 73 Page - STMicroelectronics

Back Button ISM303DAC Datasheet HTML 69Page - STMicroelectronics ISM303DAC Datasheet HTML 70Page - STMicroelectronics ISM303DAC Datasheet HTML 71Page - STMicroelectronics ISM303DAC Datasheet HTML 72Page - STMicroelectronics ISM303DAC Datasheet HTML 73Page - STMicroelectronics ISM303DAC Datasheet HTML 74Page - STMicroelectronics ISM303DAC Datasheet HTML 75Page - STMicroelectronics ISM303DAC Datasheet HTML 76Page - STMicroelectronics ISM303DAC Datasheet HTML 77Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 80 page
background image
DocID030988 Rev 2
73/80
ISM303DAC
Register description
80
8.39
INT_SOURCE_REG_M (64h)
When interrupt latched is selected, reading this register resets all the bits in this register.
Table 98. INT_SOURCE_REG_M register
Table 99. INT_SOURCE_REG_M register description
8.40
INT_THS_L_REG_M (65h)
This register contains the least significant bits of the threshold value chosen for the interrupt.
Table 100. INT_THS_L_REG_M register
Table 101. INT_THS_L_REG_M register description
8.41
INT_THS_H_REG_M (66h)
This register contains the most significant bits of the threshold value chosen for the
interrupt.
Table 102. INT_THS_H_REG_M register
Table 103. INT_THS_H_REG_M register description
These registers set the threshold value for the output to generate the interrupt (INT bit in
INT_SOURCE_REG_M (64h)). This threshold is common to all three (axes) output values
and is unsigned unipolar. The threshold value is correlated to the current gain and it is
unsigned because the threshold is considered as an absolute value but crossing the
threshold is detected for both positive and negative sides.
P_TH_S_
X
P_TH_S_
Y
P_TH_S_
Z
N_TH_S_
X
N_TH_S_
Y
N_TH_S_
Z
MROI
INT
P_TH_S_X
X-axis value exceeds the threshold positive side
P_TH_S_Y
Y-axis value exceeds the threshold positive side
P_TH_S_Z
Z-axis value exceeds the threshold positive side
N_TH_S_X
X-axis value exceeds the threshold negative side
N_TH_S_Y
Y-axis value exceeds the threshold negative side
N_TH_S_Z
Z-axis value exceeds the threshold negative side
MROI
MROI flag generation is alway enabled.This flag is reset by reading
INT_SOURCE_REG_M (64h).
INT
This bit signals when the interrupt event occurs.
TH7
THS6
TH5
TH4
TH3
TH2
TH1
TH0
TH[7:0]
Threshold value for the interrupt.
TH15
THS14
TH13
TH12
TH11
TH10
TH9
TH8
TH[15:8]
Threshold value for the interrupt.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com